Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 38Page - Analog Devices ADV7341_15 Datasheet HTML 39Page - Analog Devices ADV7341_15 Datasheet HTML 40Page - Analog Devices ADV7341_15 Datasheet HTML 41Page - Analog Devices ADV7341_15 Datasheet HTML 42Page - Analog Devices ADV7341_15 Datasheet HTML 43Page - Analog Devices ADV7341_15 Datasheet HTML 44Page - Analog Devices ADV7341_15 Datasheet HTML 45Page - Analog Devices ADV7341_15 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 42 of 108
Table 29. Register 0x84 to Register 0x89
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x84
SD Mode
Register 4
Reserved
0
0x00
SD SFL/SCR/TR mode select
0
0
Disabled.
1
1
SFL mode enabled.
SD active video length
0
720 pixels.
1
710 (NTSC), 702 (PAL).
SD chroma
0
Chroma enabled.
1
Chroma disabled.
SD burst
0
Enabled.
1
Disabled.
SD color bars
0
Disabled.
1
Enabled.
SD luma/chroma swap
0
DAC 2 = luma, DAC 3 = chroma .
1
DAC 2 = chroma, DAC 3 = luma .
0x86
SD Mode
Register 5
NTSC color subcarrier adjust (delay
from the falling edge of the output
HSYNC pulse to the start of color
burst)
0
0
5.17 μs.
0x02
0
1
5.31 μs.
1
0
5.59 μs (must be set for Macrovision
compliance).
1
1
Reserved.
Reserved
0
SD EIA/CEA-861B synchronization
compliance
0
Disabled.
1
Enabled.
Reserved
0
0
SD horizontal/vertical counter
mode1
0
Update field/line counter.
1
Field/line counter free running.
SD RGB color swap
0
Normal.
1
Color reversal enabled.
0x87
SD Mode
Register 6
SD luma and color scale control
0
Disabled.
0x00
1
Enabled.
SD luma scale saturation
0
Disabled.
1
Enabled.
SD hue adjust
0
Disabled.
1
Enabled.
SD brightness
0
Disabled.
1
Enabled.
SD luma SSAF gain
0
Disabled.
1
Enabled.
SD input standard autodetect
0
Disabled.
1
Enabled.
Reserved
0
0 must be written to this bit.
SD RGB input enable
0
SD YCrCb input.
1
SD RGB input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com