Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 43 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 39Page - Analog Devices ADV7341_15 Datasheet HTML 40Page - Analog Devices ADV7341_15 Datasheet HTML 41Page - Analog Devices ADV7341_15 Datasheet HTML 42Page - Analog Devices ADV7341_15 Datasheet HTML 43Page - Analog Devices ADV7341_15 Datasheet HTML 44Page - Analog Devices ADV7341_15 Datasheet HTML 45Page - Analog Devices ADV7341_15 Datasheet HTML 46Page - Analog Devices ADV7341_15 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 43 of 108
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x88
SD Mode
Register 7
Reserved.
0
0x00
SD noninterlaced mode
0
Disabled.
1
Enabled.
SD double buffering
0
Disabled.
1
Enabled.
SD input format
0
0
8-bit YCbCr input.
0
1
16-bit YCbCr input.
1
0
10-bit YCbCr input/16-/24-/30-bit RGB.
1
1
20-bit YCbCr input.
SD digital noise reduction
0
Disabled.
1
Enabled.
SD gamma correction enable
0
Disabled.
1
Enabled.
SD gamma correction curve select
0
Gamma Correction Curve A.
1
Gamma Correction Curve B.
0x89
SD Mode
Register 8
SD undershoot limiter
0
0
Disabled.
0x00
0
1
−11 IRE.
1
0
−6 IRE.
1
1
−1.5 IRE.
Reserved
0
0 must be written to this bit.
SD black burst output on DAC luma
0
Disabled.
1
Enabled.
SD chroma delay
0
0
Disabled.
0
1
Four clock cycles.
1
0
Eight clock cycles.
1
1
Reserved.
Reserved
0
0
0 must be written to these bits.
1
When set to 0, the horizontal/vertical counters automatically wrap around at the end of the line/field/frame of the selected standard. When set to 1, the
horizontal/vertical counters are free running and wrap around when external sync signals indicate to do so.
Table 30. Register 0x8A to Register 0x98
SR7 to
Bit Number1
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x8A
SD Timing Register 0
SD slave/master mode
0
Slave mode.
0x08
1
Master mode.
SD timing mode
0
0
Mode 0.
0
1
Mode 1.
1
0
Mode 2.
1
1
Mode 3.
Reserved
1
SD luma delay
0
0
No delay.
0
1
Two clock cycles.
1
0
Four clock cycles.
1
1
Six clock cycles.
SD minimum luma value
0
−40 IRE.
1
−7.5 IRE.
SD timing reset
0
Normal operation.
1
Freezes the counters; this bit
must be set back to zero in
order to reset the counters
and resume operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com