Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 40Page - Analog Devices ADV7341_15 Datasheet HTML 41Page - Analog Devices ADV7341_15 Datasheet HTML 42Page - Analog Devices ADV7341_15 Datasheet HTML 43Page - Analog Devices ADV7341_15 Datasheet HTML 44Page - Analog Devices ADV7341_15 Datasheet HTML 45Page - Analog Devices ADV7341_15 Datasheet HTML 46Page - Analog Devices ADV7341_15 Datasheet HTML 47Page - Analog Devices ADV7341_15 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 44 of 108
SR7 to
Bit Number1
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x8B
SD Timing Register 1
(applicable in master
modes only, that is,
Subaddress 0x8A,
Bit 0 = 1)
SD HSYNC width
0
0
ta =one clock cycle.
0x00
0
1
ta = four clock cycles.
1
0
ta = 16 clock cycles.
1
1
ta = 128 clock cycles.
SD HSYNC to VSYNC delay
0
0
tb = 0 clock cycles.
0
1
tb = four clock cycles.
1
0
tb = eight clock cycles.
1
1
tb = 18 clock cycles.
SD HSYNC to VSYNC
rising edge delay (Mode 1
only)
X2
0
tc = tb.
X2
1
tc = tb + 32 μs
SD VSYNC width (Mode 2
only)
0
0
One clock cycle.
0
1
Four clock cycles.
1
0
16 clock cycles.
1
1
128 clock cycles.
SD HSYNC to pixel data
adjust
0
0
0 clock cycles.
0
1
One clock cycle
1
0
Two clock cycles.
1
1
Three clock cycles.
0x8C
SD FSC Register 03
Subcarrier Frequency
Bits[7:0]
x
x
x
x
x
x
x
x
Subcarrier Frequency Bits[7:0].
0x1F
0x8D
SD FSC Register 13
Subcarrier Frequency
Bits[15:8]
x
x
x
x
x
x
x
x
Subcarrier Frequency Bits[15:8].
0x7C
0x8E
SD FSC Register 23
Subcarrier Frequency
Bits[23:16]
x
x
x
x
x
x
x
x
Subcarrier Frequency
Bits[23:16].
0xF0
0x8F
SD FSC Register 33
Subcarrier Frequency
Bits[31:24]
x
x
x
x
x
x
x
x
Subcarrier frequency
Bits[31:24].
0x21
0x90
SD FSC phase
Subcarrier Phase Bits[9:2]
x
x
x
x
x
x
x
x
Subcarrier Phase Bits[9:2].
0x00
0x91
SD closed captioning
Extended data on even fie
lds
x
x
x
x
x
x
x
x
Extended Data Bits[7:0].
0x00
0x92
SD closed captioning
Extended data on even
fields
x
x
x
x
x
x
x
x
Extended Data Bits[15:8].
0x00
0x93
SD closed captioning
Data on odd fields
x
x
x
x
x
x
x
x
Data Bits[7:0].
0x00
0x94
SD closed captioning
Data on odd fields
x
x
x
x
x
x
x
x
Data Bits[15:8].
0x00
0x95
SD Pedestal Register 0
Pedestal on odd fields
17
16
15
14
13
12
11
10
Setting any of these bits to 1
disables the pedestal on the
line number indicated by the
bit settings.
0x00
0x96
SD Pedestal Register 1
Pedestal on odd fields
25
24
23
22
21
20
19
18
0x00
0x97
SD Pedestal Register 2
Pedestal on even fields
17
16
15
14
13
12
11
10
0x00
0x98
SD Pedestal Register 3
Pedestal on even fields
25
24
23
22
21
20
19
18
0x00
1 x = Logic 0 or Logic 1.
2 X = don’t care.
3 SD subcarrier frequency registers default to NTSC subcarrier frequency values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com