Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 96 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 92Page - Analog Devices ADV7341_15 Datasheet HTML 93Page - Analog Devices ADV7341_15 Datasheet HTML 94Page - Analog Devices ADV7341_15 Datasheet HTML 95Page - Analog Devices ADV7341_15 Datasheet HTML 96Page - Analog Devices ADV7341_15 Datasheet HTML 97Page - Analog Devices ADV7341_15 Datasheet HTML 98Page - Analog Devices ADV7341_15 Datasheet HTML 99Page - Analog Devices ADV7341_15 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 96 of 108
CONFIGURATION SCRIPTS
The scripts listed in the following pages can be used to configure the ADV7340/ ADV7341 for basic operation. Certain features are
enabled by default. If required for a specific application, additional features can be enabled. Table 64 lists the scripts available for SD
modes of operation. Similarly, Table 85 and Table 112 list the scripts available for ED and HD modes of operation, respectively. For all
scripts, only the necessary register writes are included. All other registers are assumed to have their default values.
STANDARD DEFINITION
Table 64. SD Configuration Scripts
Input Format
Input Data Width1
Synchronization Format
Input Color Space
Output Color Space
Table Number
525i (NTSC)
10-bit SDR
EAV/SAV
YCrCb
YPrPb and CVBS/Y-C
Table 65
525i (NTSC)
10-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb and CVBS/Y-C
Table 66
525i (NTSC)
10-bit SDR
EAV/SAV
YCrCb
RGB and CVBS/Y-C
Table 67
525i (NTSC)
10-bit SDR
HSYNC/VSYNC
YCrCb
RGB and CVBS/Y-C
Table 68
525i (NTSC)
20-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb and CVBS/Y-C
Table 69
525i (NTSC)
20-bit SDR
HSYNC/VSYNC
YCrCb
RGB and CVBS/Y-C
Table 70
525i (NTSC)
30-bit SDR
HSYNC/VSYNC
RGB
YPrPb and CVBS/Y-C
Table 71
525i (NTSC)
30-bit SDR
HSYNC/VSYNC
RGB
RGB and CVBS/Y-C
Table 72
NTSC Sq. Pixel
10-bit SDR
EAV/SAV
YCrCb
CVBS/Y-C (S-Video)
Table 73
NTSC Sq. Pixel
30-bit SDR
HSYNC/VSYNC
RGB
CVBS/Y-C (S-Video)
Table 74
625i (PAL)
10-bit SDR
EAV/SAV
YCrCb
YPrPb and CVBS/Y-C
Table 75
625i (PAL)
10-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb and CVBS/Y-C
Table 76
625i (PAL)
10-bit SDR
EAV/SAV
YCrCb
RGB and CVBS/Y-C
Table 77
625i (PAL)
10-bit SDR
HSYNC/VSYNC
YCrCb
RGB and CVBS/Y-C
Table 78
625i (PAL)
20-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb and CVBS/Y-C
Table 79
625i (PAL)
20-bit SDR
HSYNC/VSYNC
YCrCb
RGB and CVBS/Y-C
Table 80
625i (PAL)
30-bit SDR
HSYNC/VSYNC
RGB
YPrPb and CVBS/Y-C
Table 81
625i (PAL)
30-bit SDR
HSYNC/VSYNC
RGB
RGB and CVBS/Y-C
Table 82
PAL Sq. Pixel
10-bit SDR
EAV/SAV
YCrCb
CVBS/Y-C (S-Video)
Table 83
PAL Sq. Pixel
30-bit SDR
HSYNC/VSYNC
RGB
CVBS/Y-C (S-Video)
Table 84
1
SDR = single data rate.
Table 65. 10-Bit 525i YCrCb In (EAV/SAV), YPrPb and
CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0xFC
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb and CVBS/Y-C
out. SSAF PrPb filter enabled. Active
video edge control enabled. Pedestal
enabled.
0x88
0x10
10-bit input enabled.
Table 66. 10-Bit 525i YCrCb In, YPrPb and CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0xFC
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xC9
Pixel data valid. YPrPb and CVBS/Y-C
out. SSAF PrPb filter enabled. Active
video edge control enabled. Pedestal
enabled.
0x88
0x10
10-bit input enabled.
0x8A
0x0C
Timing Mode 2 (slave). HSYNC/VSYNC
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com