Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 54 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 50Page - Analog Devices ADV7341_15 Datasheet HTML 51Page - Analog Devices ADV7341_15 Datasheet HTML 52Page - Analog Devices ADV7341_15 Datasheet HTML 53Page - Analog Devices ADV7341_15 Datasheet HTML 54Page - Analog Devices ADV7341_15 Datasheet HTML 55Page - Analog Devices ADV7341_15 Datasheet HTML 56Page - Analog Devices ADV7341_15 Datasheet HTML 57Page - Analog Devices ADV7341_15 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 54 of 108
DESIGN FEATURES
OUTPUT OVERSAMPLING
The ADV7340/ADV7341 include two on-chip phase-locked
loops (PLLs) that allow for oversampling of SD, ED, and HD
video data. Table 41 shows the various oversampling rates
supported in the ADV7340/ADV7341.
SD Only, ED Only, and HD Only Modes
PLL 1 is used in SD only, ED only, and HD only modes. PLL 2 is
unused in these modes. PLL 1 is disabled by default and can be
enabled using Subaddress 0x00, Bit 1 = 0.
SD and ED/HD Simultaneous Modes
Both PLL 1 and PLL 2 are used in simultaneous modes. The use
of two PLLs allows for independent oversampling of SD and
ED/HD video. PLL 1 is used to oversample SD video data, and
PLL 2 is used to oversample ED/HD video data. In simultaneous
modes, PLL 2 is always enabled. PLL 1 is disabled by default and
can be enabled using Subaddress 0x00, Bit 1 = 0.
External Sync Polarity
For SD and ED/HD modes, the ADV7340/ADV7341 typically
expect HS and VS to be low during their respective blanking
periods. When the CEA861 compliance bit (Subaddress 0x39,
Bit 5 for ED/HD modes and Subaddress 0x86, Bit 3 for SD
modes) is enabled, however, the part expects the HS or VS to be
active low or high depending on the input format selected
(Subaddress 0x30, Bits [7:3]).
If a different polarity other than the default is needed for
ED/HD modes, Subaddress 0x3A, Bits [2:0] can be used to
individually invert P_HSYNC, P_VSYNC, or P_BLANK
regardless of whether or not CEA-861-B mode is enabled. It is
not possible to invert S_HSYNC or S_VSYNC.
HD INTERLACE EXTERNAL P_HSYNC AND
P_VSYNC CONSIDERATIONS
If the encoder revision code (Subaddress 0xBB, Bits[7:6]) = 01
or higher, the user should set Subaddress 0x02, Bit 1 to high to
ensure exactly correct timing in HD interlace modes when
using the P_HSYNC and P_VSYNC synchronization signals. If
this bit is set to low, the first active pixel on each line is masked.
Also, Pr and Pb outputs are swapped when using the YCrCb
4:2:2 input format. Setting Subaddress 0x02, Bit 1 to low causes
the encoder to behave in the same way as the first version of
silicon (that is, this setting is backward compatible).
If the encoder revision code (Subaddress 0xBB, Bits[7:6]) = 00,
the setting of Subaddress 0x02, Bit 1 has no effect. In this
version of the encoder, the first active pixel is masked. Also, Pr
and Pb outputs are swapped when using the YCrCb 4:2:2 input
format. To avoid these limitations, use the newer revision of
silicon or use a different type of synchronization.
These considerations apply only to the HD interlace modes
with external P_HSYNC and P_VSYNC synchronization
(EAV/SAV mode is not affected and always has exactly correct
timing). There is no negative effect in setting Subaddress 0x02,
Bit 0 to high, and this bit can remain high for all the other video
standards.
Table 41. Output Oversampling Modes and Rates
Input Mode Subaddress 0x01 Bits[6:4]
PLL and Oversampling Control
Subaddress 0x00, Bit 1
Oversampling Mode and Rate
000
SD only
1
SD (2×)
000
SD only
0
SD (16×)
001/010
ED only
1
ED (1×)
001/010
ED only
0
ED (8×)
001/010
HD only
1
HD (1×)
001/010
HD only
0
HD (4×)
011/100
SD and ED
1
SD (2×) and ED (8×)
011/100
SD and ED
0
SD (16×) and ED (8×)
011/100
SD and HD
1
SD (2×) and HD (4×)
011/100
SD and HD
0
SD (16×) and HD (4×)
111
ED only (at 54 MHz)
1
ED only (at 54 MHz) (1×)
111
ED only (at 54 MHz)
0
ED only (at 54 MHz) (8×)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com