Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 37Page - Analog Devices ADV7341_15 Datasheet HTML 38Page - Analog Devices ADV7341_15 Datasheet HTML 39Page - Analog Devices ADV7341_15 Datasheet HTML 40Page - Analog Devices ADV7341_15 Datasheet HTML 41Page - Analog Devices ADV7341_15 Datasheet HTML 42Page - Analog Devices ADV7341_15 Datasheet HTML 43Page - Analog Devices ADV7341_15 Datasheet HTML 44Page - Analog Devices ADV7341_15 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 41 of 108
Table 28. Register 0x80 to Register 0x83
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x80
SD Mode
Register 1
SD standard
0
0
NTSC
0x10
0
1
PAL B/D/G/H/I
1
0
PAL M
1
1
PAL N
SD luma filter
0
0
0
LPF NTSC
0
0
1
LPF PAL
0
1
0
Notch NTSC
0
1
1
Notch PAL
1
0
0
SSAF luma
1
0
1
Luma CIF
1
1
0
Luma QCIF
1
1
1
Reserved
SD chroma filter
0
0
0
1.3 MHz
0
0
1
0.65 MHz
0
1
0
1.0 MHz
0
1
1
2.0 MHz
1
0
0
Reserved
1
0
1
Chroma CIF
1
1
0
Chroma QCIF
1
1
1
3.0 MHz
0x82
SD Mode
Register 2
SD PrPb SSAF
0
Disabled
0x0B
1
Enabled
SD DAC Output 1
0
Refer to
Table 37
1
SD DAC Output 2
0
Refer to
Table 37
1
SD pedestal
0
Disabled
1
Enabled
SD square pixel mode
0
Disabled
1
Enabled
SD VCR FF/RW sync
0
Disabled
1
Enabled
SD pixel data valid
0
Disabled
1
Enabled
SD active video edge
control
0
Disabled
1
Enabled
0x83
SD Mode
Register 3
SD pedestal on YPrPb
output
0
No pedestal on YPrPb
0x04
1
7.5 IRE pedestal on YPrPb
SD Output Levels Y.
0
Y = 700 mV/300 mV
1
Y = 714 mV/286 mV
SD Output Levels PrPb
0
0
700 mV p-p (PAL), 1000 mV p-p (NTSC)
0
1
700 mV p-p
1
0
1000 mV p-p
1
1
648 mV p-p
SD VBI open
0
Disabled
1
Enabled
SD closed captioning
field control
0
0
Closed captioning disabled
0
1
Closed captioning on odd field only
1
0
Closed captioning on even field only
1
1
Closed captioning on both fields
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com