Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 48 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 44Page - Analog Devices ADV7341_15 Datasheet HTML 45Page - Analog Devices ADV7341_15 Datasheet HTML 46Page - Analog Devices ADV7341_15 Datasheet HTML 47Page - Analog Devices ADV7341_15 Datasheet HTML 48Page - Analog Devices ADV7341_15 Datasheet HTML 49Page - Analog Devices ADV7341_15 Datasheet HTML 50Page - Analog Devices ADV7341_15 Datasheet HTML 51Page - Analog Devices ADV7341_15 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 48 of 108
Table 34. Register 0xC9 to Register 0xCE
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0xC9
Teletext control
Teletext enable
0
Disabled.
0x00
1
Enabled.
Teletext request mode
0
Line request signal.
1
Bit request signal.
Teletext input pin
select
0
0
S_VSYNC.
0
1
P_VSYNC.
1
0
C0.
1
1
Reserved.
Reserved
0
0
0
0
Reserved.
0xCA
Teletext request
control
Teletext request falling
edge position control
0
0
0
0
0 clock cycles.
0x00
0
0
0
1
One clock cycle.
1
1
1
0
14 clock cycles.
1
1
1
1
15 clock cycles.
Teletext request rising
edge position control
0
0
0
0
0 clock cycles.
0
0
0
1
One clock cycle.
1
1
1
0
14 clock cycles.
1
1
1
1
15 clock cycles.
0xCB
TTX Line Enable 0
Teletext on odd fields
22
21
20
19
18
17
16
15
Setting any of these bits
to 1 enables teletext on
the line number indicated
by the bit settings.
0x00
0xCC
TTX Line Enable 1
Teletext on odd fields
14
13
12
11
10
9
8
7
0x00
0xCD
TTX Line Enable 2
Teletext on even fields
22
21
20
19
18
17
16
15
0x00
0xCE
TTX Line Enable 3
Teletext on even fields
14
13
12
11
10
9
8
7
0x00
Table 35. Register 0xE0 to Register 0xF1
SR7 to
Bit Number1
Reset
SR0
Register2
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0xE0
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE1
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE2
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE3
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE4
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE5
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE6
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE7
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE8
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xE9
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xEA
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xEB
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xEC
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xED
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xEE
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xEF
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xF0
Macrovision
MV control bits
x
x
x
x
x
x
x
x
0x00
0xF1
Macrovision
MV control bits
0
0
0
0
0
0
0
x
Bits[7:1] must be 0.
0x00
1
x = Logic 0 or Logic 1.
2
Macrovision registers are available on the ADV7340 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com