Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 45Page - Analog Devices ADV7341_15 Datasheet HTML 46Page - Analog Devices ADV7341_15 Datasheet HTML 47Page - Analog Devices ADV7341_15 Datasheet HTML 48Page - Analog Devices ADV7341_15 Datasheet HTML 49Page - Analog Devices ADV7341_15 Datasheet HTML 50Page - Analog Devices ADV7341_15 Datasheet HTML 51Page - Analog Devices ADV7341_15 Datasheet HTML 52Page - Analog Devices ADV7341_15 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 49 of 108
INPUT CONFIGURATION
The ADV7340/ADV7341 support a number of different input
modes. The desired input mode is selected using Subaddress
0x01, Bits[6:4]. The ADV7340/ADV7341 default to standard
definition only (SD only) on power-up. Table 36 provides an
overview of all possible input configurations. Each input mode
is described in detail in the following sections.
STANDARD DEFINITION ONLY
Subaddress 0x01, Bits[6:4] = 000
Standard definition (SD) YCrCb data can be input in 4:2:2 format.
Standard definition (SD) RGB data can be input in 4:4:4 format.
A 27 MHz clock signal must be provided on the CLKIN_A pin.
Input synchronization signals are provided on the S_HSYNC
and S_VSYNC pins.
8-/10-Bit 4:2:2 YCrCb Mode
Subaddress 0x87, Bit 7 = 0; Subaddress 0x88, Bit 3 = 0
In 8-/10-bit 4:2:2 YCrCb input mode, the interleaved pixel data
is input on Pin S9 to Pin S2/S0 (or Pin Y9 to Pin Y2/Y0, depending
on Subaddress 0x01, Bit 7), with Pin S0/Y0 being the LSB in 10-
bit input mode. The ITU-R BT.601/656 input standard is
supported. Embedded EAV/SAV timing codes are also
supported.
16-/20-Bit 4:2:2 YCrCb Mode
Subaddress 0x87, Bit 7 = 0; Subaddress 0x88, Bit 3 = 1
In 16-/20-bit 4:2:2 YCrCb input mode, Y pixel data is input on
Pin S9 to Pin S2/S0 (or Pin Y9 to Pin Y2/Y0, depending on
Subaddress 0x01, Bit 7); Pin S0/Y0 is the LSB in 20-bit input
mode.
The CrCb pixel data is input on Pin Y9 to Pin Y2/Y0 (or Pin C9 to
Pin C2/C0, depending on Subaddress 0x01, Bit 7), with Pin Y0/C0
being the LSB in 20-bit input mode.
Embedded EAV/SAV timing codes are not supported; therefore,
an external synchronization is needed in this mode.
24-/30-Bit 4:4:4 RGB Mode
Subaddress 0x87, Bit 7 = 1
In 24-/30-bit 4:4:4 RGB input mode, the red pixel data is input on
Pin S9 to Pin S2/S0, the green pixel data is input on Pin Y9 to
Pin Y2/Y0, and the blue pixel data is input on Pin C9 to Pin C2/C0.
The S0, Y0, and C0 pins are the respective bus LSBs in 30-bit
input mode.
Embedded EAV/SAV timing codes are not supported. Also,
master timing mode is not supported for SD RGB input mode,
therefore, external synchronization must be used.
Figure 51. SD Only Example Application
MPEG2
DECODER
CLKIN_A
S[9:0] OR Y[9:0]*
27MHz
YCrCb
ADV7340/
ADV7341
*SELECTED BY SUBADDRESS 0x01, BIT 7.
S_VSYNC,
S_HSYNC
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com