Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 2 Page - Analog Devices

  ADV7341_15 Datasheet HTML 1Page - Analog Devices ADV7341_15 Datasheet HTML 2Page - Analog Devices ADV7341_15 Datasheet HTML 3Page - Analog Devices ADV7341_15 Datasheet HTML 4Page - Analog Devices ADV7341_15 Datasheet HTML 5Page - Analog Devices ADV7341_15 Datasheet HTML 6Page - Analog Devices ADV7341_15 Datasheet HTML 7Page - Analog Devices ADV7341_15 Datasheet HTML 8Page - Analog Devices ADV7341_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 2 of 108
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Revision History ............................................................................... 4
General Description ......................................................................... 5
Functional Block Diagram .............................................................. 6
Specifications..................................................................................... 7
Power Supply and Voltage Specifications.................................. 7
Voltage Reference Specifications ................................................ 7
Input Clock Specifications .......................................................... 7
Analog Output Specifications..................................................... 8
Digital Input/Output Specifications—3.3 V ............................. 8
Digital Input/Output Specifications—1.8 V ............................. 8
Digital Timing Specifications—3.3 V........................................ 9
Digital Timing Specifications—1.8 V...................................... 10
MPU Port Timing Specifications ............................................. 11
Power Specifications .................................................................. 11
Video Performance Specifications ........................................... 12
Timing Diagrams............................................................................ 13
Absolute Maximum Ratings.......................................................... 21
Thermal Resistance .................................................................... 21
ESD Caution................................................................................ 21
Pin Configuration and Function Descriptions........................... 22
Typical Performance Characteristics ........................................... 24
MPU Port Description................................................................... 29
I2C Operation.............................................................................. 29
Register Map Access....................................................................... 31
Register Programming............................................................... 31
Subaddress Register (SR7 to SR0) ............................................ 31
Input Configuration ....................................................................... 49
Standard Definition Only.......................................................... 49
Enhanced Definition/High Definition Only .......................... 51
Simultaneous Standard Definition and Enhanced
Definition/High Definition....................................................... 51
Enhanced Definition Only (at 54 MHz) ................................. 52
Output Configuration.................................................................... 53
Design Features............................................................................... 54
Output Oversampling ................................................................ 54
HD Interlace External P_HSYNC and P_VSYNC
Considerations............................................................................ 54
ED/HD Timing Reset ................................................................ 55
SD Subcarrier Frequency Lock................................................. 55
SD VCR FF/RW Sync ................................................................ 55
Vertical Blanking Interval ......................................................... 55
SD Subcarrier Frequency Control............................................ 56
SD Noninterlaced Mode............................................................ 56
SD Square Pixel Mode ............................................................... 56
Filters............................................................................................ 57
ED/HD Test Pattern Color Controls ....................................... 58
Color Space Conversion Matrix ............................................... 59
SD Luma and Color Scale Control........................................... 60
SD Hue Adjust Control.............................................................. 60
SD Brightness Detect ................................................................. 61
SD Brightness Control............................................................... 61
SD Input Standard Autodetection............................................ 61
Double Buffering........................................................................ 62
Programmable DAC Gain Control .......................................... 62
Gamma Correction.................................................................... 62
ED/HD Sharpness Filter and Adaptive Filter Controls........ 64
ED/HD Sharpness Filter and Adaptive Filter Application
Examples...................................................................................... 65
SD Digital Noise Reduction...................................................... 66
SD Active Video Edge Control ................................................. 67
External Horizontal and Vertical Synchronization Control. 69
Low Power Mode........................................................................ 70
Cable Detection .......................................................................... 70
DAC Autopower-Down............................................................. 70
Sleep Mode.................................................................................. 71
Pixel and Control Port Readback............................................. 71
Reset Mechanism........................................................................ 71
SD Teletext Insertion ................................................................. 71
Printed Circuit Board Layout and Design .................................. 73
Unused Pins ................................................................................ 73
DAC Configurations.................................................................. 73
Voltage Reference ....................................................................... 73
Video Output Buffer and Optional Output Filter.................. 73
Printed Circuit Board (PCB) Layout ....................................... 74
Typical Application Circuit....................................................... 76
Copy Generation Management System....................................... 77
SD CGMS .................................................................................... 77
ED CGMS.................................................................................... 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com