Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 105 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 100Page - Analog Devices ADV7341_15 Datasheet HTML 101Page - Analog Devices ADV7341_15 Datasheet HTML 102Page - Analog Devices ADV7341_15 Datasheet HTML 103Page - Analog Devices ADV7341_15 Datasheet HTML 104Page - Analog Devices ADV7341_15 Datasheet HTML 105Page - Analog Devices ADV7341_15 Datasheet HTML 106Page - Analog Devices ADV7341_15 Datasheet HTML 107Page - Analog Devices ADV7341_15 Datasheet HTML 108Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 105 of 108
Table 115. 10-Bit 720p YCrCb In (EAV/SAV), RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x20
HD-DDR input mode. Luma data
clocked on falling edge of CLKIN.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x30
0x2C
720p at 60 Hz/59.94 Hz. EAV/SAV syn-
chronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x6C
10-bit input enabled.
Table 116. 10-Bit 720p YCrCb In, RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x20
HD-DDR input mode. Luma data
clocked on falling edge of CLKIN.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x30
0x28
720p at 60 Hz/59.94 Hz. HSYNC/VSYNC
synchronization. EIA-770.3 output
levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x6C
10-bit input enabled.
Table 117. 20-Bit 720p YCrCb In (EAV/SAV), YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x10
HD-SDR input mode.
0x30
0x2C
720p at 60 Hz/59.94 Hz. EAV/SAV syn-
chronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x6C
10-bit input enabled (10 × 2 = 20-bit).
Table 118. 20-Bit 720p YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x10
HD-SDR input mode.
0x30
0x28
720p at 60 Hz/59.94 Hz. HSYNC/VSYNC
synchronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x6C
10-bit input enabled (10 × 2 = 20-bit).
Table 119. 20-Bit 720p YCrCb In (EAV/SAV), RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x10
HD-SDR input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x30
0x2C
720p at 60 Hz/59.94 Hz. EAV/SAV syn-
chronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x6C
10-bit input enabled (10 × 2 = 20-bit).
Table 120. 20-Bit 720p YCrCb In, RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x10
HD-SDR input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x30
0x28
720p at 60 Hz/59.94 Hz. HSYNC/VSYNC
synchronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x6C
10-bit input enabled (10 × 2 = 20-bit).
Table 121. 30-Bit 720p YCrCb In (EAV/SAV), YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x10
HD-SDR input mode.
0x30
0x2C
720p at 60 Hz/59.94 Hz. EAV/SAV syn-
chronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x2C
4:4:4 input data. 10-bit input enabled
(10 × 3 = 30-bit).
Table 122. 30-Bit 720p YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (4×).
0x01
0x10
HD-SDR input mode.
0x30
0x28
720p at 60 Hz/59.94 Hz. HSYNC/VSYNC
synchronization. EIA-770.3 output levels.
0x31
0x01
Pixel data valid. 4× oversampling.
0x33
0x2C
4:4:4 input data. 10-bit input enabled
(10 × 3 = 30-bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com