Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 58Page - STMicroelectronics PM0020 Datasheet HTML 59Page - STMicroelectronics PM0020 Datasheet HTML 60Page - STMicroelectronics PM0020 Datasheet HTML 61Page - STMicroelectronics PM0020 Datasheet HTML 62Page - STMicroelectronics PM0020 Datasheet HTML 63Page - STMicroelectronics PM0020 Datasheet HTML 64Page - STMicroelectronics PM0020 Datasheet HTML 65Page - STMicroelectronics PM0020 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
ISC logic description
PM00020
62/87
12.3
Configuration bits
Except for the Security bit, you can read the rest of the configuration bits by shifting out the
content of the Configuration register. As for the Security bit, you can read this through either
the Default register or the Instruction register. Detailed information on how to read these bits
is given in Section 12.4: Register description
.
20
ISC_PROGRAM
ISC-Data
64
CSU
••
•
22
ISC_PROGRAM_SECURITY
ISC_Default
8
S
••
•
23
ISC_PROGRAM_UC
Usercode
32
CSU
••
•
30
ISC_ERASE
ISC_Sector
64
CSU
••
50
ISC_READ
ISC_Data
64
CSU
••
•
60
ISC_BLANK_CHECK
ISC_Sector
64
CSU
••
•
40
ISC_TEST_ENABLE
Test_Enable
16
S
••
Table 30.
Instruction set (continued)
Instruction
Origin
Mode
Secure
CSx Mapping
0: CS0 is mapped to Main Flash and CS1 is mapped to Secondary Flash.
1: CS0 is mapped to Secondary Flash and CS1 is mapped to Main Flash
LVD_th
0: The LVD threshold is set to 2.4 V.
1: The LVD threshold is set to 2.7 V
LVD_RESET_SELECT
0: LVD Reset Out is generated by VDD input only.
1: LVD Reset Out is generated by VDD or VDDQ input
LVD_RESET_WARNING
0: Early Warning is generated by VDD input only.
1: Early Warning is generated by VDD or VDDQ inputs
Security
0: The device is not secured. JTAG port can read Flash memory.
1: The device is secured and Flash memory content can not be read by JTAG. When this bit is set,
the device sets DEBUG_EN output to low which disables the ARM MCU JTAG port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com