Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 75 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 71Page - STMicroelectronics PM0020 Datasheet HTML 72Page - STMicroelectronics PM0020 Datasheet HTML 73Page - STMicroelectronics PM0020 Datasheet HTML 74Page - STMicroelectronics PM0020 Datasheet HTML 75Page - STMicroelectronics PM0020 Datasheet HTML 76Page - STMicroelectronics PM0020 Datasheet HTML 77Page - STMicroelectronics PM0020 Datasheet HTML 78Page - STMicroelectronics PM0020 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
PM00020
ISC logic description
75/87
12.5.13
ISC_NOOP
Description:
Shift out status bits
Requirement:
None
Register:
ISC_Default
Shift-In:
8 bits don't care
Shift-Out:
8 bits status
Mode:
ISC and PSD
Security:
Fully functional
Loaded while a module is busy does not terminate the previous instruction.
Use for polling purpose, checking of the internal operation status (ie. Ready/busy).
12.5.14
ISC_ADDRESS_SHIFT
Description:
Load sector address
Requirement:
Part is in ISC mode
Register:
ISC_Address
Shift-In:
8 bits sector address
Shift-Out:
8 bits don't care
Mode:
ISC
Security:
Blocked
If the device is not in ISC mode, ISC_ADDRESS_SHIFT will not update the Address
register. Furthermore, ISC_ERROR flag will be set.
Table 38.
ISC_NOOP sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_NOOP
2
DR-Scan
Shift out status
3
Run-Test/Idle
End
Table 39.
ISC_ADDRESS_SHIFT sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_ADDRESS_SHIFT
2
DR-Scan
Sector address shift in
3
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com