Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 68 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 64Page - STMicroelectronics PM0020 Datasheet HTML 65Page - STMicroelectronics PM0020 Datasheet HTML 66Page - STMicroelectronics PM0020 Datasheet HTML 67Page - STMicroelectronics PM0020 Datasheet HTML 68Page - STMicroelectronics PM0020 Datasheet HTML 69Page - STMicroelectronics PM0020 Datasheet HTML 70Page - STMicroelectronics PM0020 Datasheet HTML 71Page - STMicroelectronics PM0020 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
ISC logic description
PM00020
68/87
If sector is not blank checked, the value of the corresponding bits is meaningless.
Note:
Bit 51 can be used to address the OTP sector only for a blank check operation, the value of
this bit is not considered during an Erase operation, in fact the OTP cannot be erased.
It is not possible to address the Security bit, OTP, and the CFI (MFG code and ID code)
sectors.
12.4.10
Configuration register
The Lock bit value stored in the bit 63 can only be shifted out, executing the
ISC_CONFIGURATION instruction. It has no impact on the non volatile value of the Lock bit
in the Flash sector.
63
0
Configurationr[63:0]
rw
Bit 63
Lock OTP
Bit 62:52
Reserved
Bit 51
LVD_WARNING_SELECT Defining the LVD warning signal input source.
Bit 50
LVD_RESET_SELECT Defining the LVD reset input source.
Bit 49
LVD_th Defining of the threshold of the LVD
Bits 48
CSx Mapping of CS0 and CS1
Bits 47:40
Reserved
Bits 39:32
Protection Flash Bank 1 sectors
Bits 31:0
Protection of Flash Bank 0 sectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com