Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 63 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 59Page - STMicroelectronics PM0020 Datasheet HTML 60Page - STMicroelectronics PM0020 Datasheet HTML 61Page - STMicroelectronics PM0020 Datasheet HTML 62Page - STMicroelectronics PM0020 Datasheet HTML 63Page - STMicroelectronics PM0020 Datasheet HTML 64Page - STMicroelectronics PM0020 Datasheet HTML 65Page - STMicroelectronics PM0020 Datasheet HTML 66Page - STMicroelectronics PM0020 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
PM00020
ISC logic description
63/87
12.4
Register description
12.4.1
Instruction Register
Note:
With the shifting in of any instruction, the above status will be shifted out.
Sector Protection bits (one for each sector of the main and secondary Flash)
0: Sector is not protected from write or erase MCU operations..
1: Sector is protected from write or erase MCU operations
OTP Lock bit
0: Write to unprogrammed OTP location is allowed.
1: Write to OTP location is inhibitedt
765
432
10
N/A
SECURITY
INT_ERROR
READY/BUSY
MODE
0
1
rw
rw
rw
rw
rw
rw
rw
Bit 7
N/A
Bit 6
SECURITY: Security bit (Readout protection).
0: Unsecured device.
1: Secured device.
Bits 5:4
INT_ERROR: Internal Error/Program Error
00: N/A
01: Fail
10: Success (default)
11: N/A.
Bit 3
READY/BUSY:
0:Busy* (see note)
1: Ready
Bit 2
MODE:
0: PSD mode
1: ISC mode
Bit 1
0: IEEE1149.1 mandatory
Bit 0
1: IEEE1149.1 mandatory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com