Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 13Page - STMicroelectronics PM0020 Datasheet HTML 14Page - STMicroelectronics PM0020 Datasheet HTML 15Page - STMicroelectronics PM0020 Datasheet HTML 16Page - STMicroelectronics PM0020 Datasheet HTML 17Page - STMicroelectronics PM0020 Datasheet HTML 18Page - STMicroelectronics PM0020 Datasheet HTML 19Page - STMicroelectronics PM0020 Datasheet HTML 20Page - STMicroelectronics PM0020 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
PM00020
STR91xFA Flash memory
17/87
1.8.1
JTAG access protection
You can protect the entire STR91xFA device from read or debug access through the JTAG
port by setting the SECURITY bit in the Protection Level 2 register (see Section 1.13.2.).
Once SECURITY is set, the Flash content cannot be read by JTAG. Only a full chip erase
via JTAG can erase the SECURITY bit.
A secured device will not respond to JTAG program or erase commands other than Full Chip
Erase, Read User Code and Read ID Code commands. The SECURITY bit has no impact
on CUI commands.
1.9
Sector write protection
Sector write protection is managed on 2 levels:
●
Protection Level 1
–
Level 1 protection is controlled by the volatile Protection Level 1 register.
–
Each sector has a level 1 write protection bit (see Section 1.13.4). After a device
reset, all sectors are protected.
–
You are free to modify the protection status of any sectors that are not protected by
the Protection Level 2. This can be done from the application using a CUI Program
Protection Level 1 command, see Section 1.12.5.
●
Protection Level 2
–
Level 2 protection is controlled by the non-volatile Protection Level 2 register
–
Each sector has a Level 2 write protection bit (see Section 1.13.4). When the bit is
set through the JTAG, the sector is always write protected. It can be unprotected
only by erasing the bit via JTAG.
1.10
Command user interface (CUI)
Program and Erase commands are written to the Command User Interface. An on-chip
Program/Erase Controller simplifies the process of programming or erasing the memory by
taking care of all of the special operations that are required to update the memory contents.
The end of a Program or Erase operation can be detected and any error conditions
identified in the Bank Status Registers. The command set required to control the memory is
consistent with JEDEC standards.
Erase can be suspended in order to perform either read or program in another sector and
then resumed. Program can be suspended to read data in any other sector and then
resumed. The two banks are protected during power-up.
The device features 2 different levels of protection to avoid unwanted program/erase
operations. The sectors can be protected at Level 1 by the Sector Protect command or by
the Protection Level 2 Register programmed via JTAG. All Program or Erase operations are
aborted when the device is reset or powered off.
When the application accesses an address in Flash memory, the Command User Interface
(CUI) decodes it as an instruction to the Program/Erase Controller (FPEC). The Bank Status
Registers indicate the status resulting from the command. They can be read at any time
during programming or erase to monitor the progress of the operation and to verify its
successful completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com