Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 12Page - STMicroelectronics PM0020 Datasheet HTML 13Page - STMicroelectronics PM0020 Datasheet HTML 14Page - STMicroelectronics PM0020 Datasheet HTML 15Page - STMicroelectronics PM0020 Datasheet HTML 16Page - STMicroelectronics PM0020 Datasheet HTML 17Page - STMicroelectronics PM0020 Datasheet HTML 18Page - STMicroelectronics PM0020 Datasheet HTML 19Page - STMicroelectronics PM0020 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
STR91xFA Flash memory
PM00020
16/87
1.4
Boot configuration
In the default configuration, after reset the first sector of Bank 0 is enabled and resides at
0x0000.0000h so that the device boots from Bank 0, and Bank 1 is disabled.
Using the JTAG interface, you can configure the device to boot from Bank 1. The selection of
which Flash memory is at the boot location is programmed in a non-volatile Flash-based
configuration bit. The firmware cannot change this configuration bit, only the JTAG interface
has access.
1.5
Electronic signature
The electronic signature can be read via JTAG or from the application using the RSIG
command (Section 1.11.2).
The ISC IDCODE assigned to the Flash memory die is 04570041h.
Note:
The electronic signature read by the RSIG command contains the JTAG ID code of the
Flash memory die. To get the STR91xFA product ID and revision level, read the last two
bytes of the OTP sector.
1.6
OTP sector
The device provides 240 bits of user OTP memory. The last 16 bits in the 256-bit sector are
reserved for the STR91xFA product ID and revision level and programmed by ST. You can
read all these bits, and program any unprogrammed bits via JTAG or from the application
using the ROTP and WOTP commands (see Section 1.11.3 and Section 1.12.8 . The OTP
sector can be locked via JTAG or CUI command to prevent any modification. The OTP lock
status bit is stored in the Protection Level 2 register which can be read by the application.
Refer to Section 1.13.2).
1.7
Power down mode
In STR91xFA low power modes, the Flash automatically reduces its power consumption and
can be read immediately after wake-up.
When the STR91xFA is in low power mode, you can put the Flash in Power Down mode as
well for lower power consumption. You do this by programming the PWD bit in the Flash
Configuration register (see Section 1.13.6). The consumption is drastically reduced, but
after wake-up from low power, a delay is inserted automatically to ensure the Flash is
operational before the CPU starts execution.
1.8
JTAG interface
The device can be erased and programmed by sending commands to the command
interface described in Table .
The device can also be programmed through the 4 pin JTAG port which is 1532 standard
compliant and supports standard ISC (In System Configuration) programming instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com