Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 67 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 63Page - STMicroelectronics PM0020 Datasheet HTML 64Page - STMicroelectronics PM0020 Datasheet HTML 65Page - STMicroelectronics PM0020 Datasheet HTML 66Page - STMicroelectronics PM0020 Datasheet HTML 67Page - STMicroelectronics PM0020 Datasheet HTML 68Page - STMicroelectronics PM0020 Datasheet HTML 69Page - STMicroelectronics PM0020 Datasheet HTML 70Page - STMicroelectronics PM0020 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
PM00020
ISC logic description
67/87
12.4.8
ISC address register
Note:
The Security bit is selected internally by ISC_PROGRAM_SECURITY and ISC_ERASE.
12.4.9
ISC sector register
Shift in '1' to erase or blank check sector.
Shift out '0' if sector is blanked; '1' if sector checked is not blanked or not checked.
Error bits are set if at least one sector is not blanked.
7
0
Sector_address[7:0]
rw
Bits 7:0
Sector Address [7:0]
These bits contain the sector address listed in Table 31
Table 31.
Sector addresses
Sector address
Sector
All others
N/A
76h
Lock bit of the Security ID
70h
OTP
60h
User Code
50h
Configuration (Sector protect , CSx mapping, LVD configuration bits)
40h
Reserved for future use
3Fh - 28h
N/A
27h - 20h
Bank 1 Flash Sectors 7:0
1Fh - 00h
Bank 0 Flash Sectors 1F: 0
63
0
Sector[63:0]
rw
Bits 63:52
Reserved
Bit 51
OTP Sector
Bit 50
User-Code
Bit 49
Configuration Sector (Sector protect , CSx mapping, LVD configuration bits)
Bit 48:40
Reserved
Bits 39:32
Flash Bank 1 sectors
Bits 31:0
Flash Bank 0 sectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com