Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 77 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 73Page - STMicroelectronics PM0020 Datasheet HTML 74Page - STMicroelectronics PM0020 Datasheet HTML 75Page - STMicroelectronics PM0020 Datasheet HTML 76Page - STMicroelectronics PM0020 Datasheet HTML 77Page - STMicroelectronics PM0020 Datasheet HTML 78Page - STMicroelectronics PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
PM00020
ISC logic description
77/87
Once the end of sector is reached, the program flow cannot jump to the next sector.
After the end of the sector is reached, the execution of next ISC_PROGRAM instruction is
not allowed without shifting in a new address. This avoids that, continuing to repeat the
steps from 3 to 7 once the end of sector is reached, the program flow starts again from the
beginning of the sector. This control isn't active if the program flow is interrupted before
reaching the end of sector.
OTP may be programmed many times until the OTP Lock bit is set, it cannot ever be erased.
If the Lock bit is set, the program instruction is not executed and no error flag is set.
Once the end of sector is reached, the program flow cannot jump to the next sector.
4
DR-Scan
Shift in 64 bits of data to be
programmed
5
Run-Test/Idle
Program starts/address incremented
Wait for 50 us. Begin polling
6
IR-Scan
Load ISC-NOOP
7
DR-Scan
Shift out status
Repeat step 7 until ready = 1
Go back to step 3, repeat steps 3-7
until end of sector is reached.
8
Run-Test/Idle
End
Table 42.
OTP program flow (Lock bit: blocked)
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_ADDRESS_SHIFT
2
DR-Scan
Shift in the 8 bit OTP address -
70 Hex
3
IR-Scan
Load ISC_PROGRAM
4
DR-Scan
Shift in 64 bits of data to be
programmed
5
Run-Test/Idle
Program starts/address
incremented
Wait for 50 us. Begin polling
6
IR-Scan
Load ISC-NOOP
7
DR-Scan
Shift out status
Repeat step 7 until ready = 1
Go back to step 3, repeat steps
3-7 three more times (256 bits)
8
Run-Test/Idle
End
Table 41.
Main and Secondary Flash sectors program flow (continued)
Step
Tap Activity
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com