Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 65 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 61Page - STMicroelectronics PM0020 Datasheet HTML 62Page - STMicroelectronics PM0020 Datasheet HTML 63Page - STMicroelectronics PM0020 Datasheet HTML 64Page - STMicroelectronics PM0020 Datasheet HTML 65Page - STMicroelectronics PM0020 Datasheet HTML 66Page - STMicroelectronics PM0020 Datasheet HTML 67Page - STMicroelectronics PM0020 Datasheet HTML 68Page - STMicroelectronics PM0020 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
PM00020
ISC logic description
65/87
12.4.3
IDcode register
12.4.4
Usercode register
12.4.5
MFG register
Bit 2
READY/BUSY: Ready/Busy status bit
0: Busy*
1: Ready
This bit goes low 1us after an internal ERASE, PROGRAM, READ, or BLANK
CHECK operation is initiated. The polling loop which checks busy status, for
PROGRAM or ERASE operations, must not begin before the 1us delay. This will
avoid a false end of operation status. BUSY status should be polled to
determine when any operation on the Flash is over.
Bits 1:0
ISC_ERROR:
These bits comply with IEEE 1532 standard.
The ISC Error bits indicate the ISC status of the previously executed instruction.
They are updated any time a new instruction is loaded. The ISC Error bits
indicate error only if an ISC instruction is loaded and the part is not in ISC mode.
00: N/A.
01: Error
10: Success (default)
11: N/A.
31
0
IDcode[31:0]
rw
Bits 31:0
IDCode
31
0
Usercode[31:0]
rw
Bits 31:0
Usercode
32 bits shift out only for USERCODE instruction
32 bits shift in of user code data for ISC_PROGRAM_UC instruction
31
0
MFG[31:0]
rw
Bits 31:0
Manufacturing information. Factory use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com