Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 64 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 60Page - STMicroelectronics PM0020 Datasheet HTML 61Page - STMicroelectronics PM0020 Datasheet HTML 62Page - STMicroelectronics PM0020 Datasheet HTML 63Page - STMicroelectronics PM0020 Datasheet HTML 64Page - STMicroelectronics PM0020 Datasheet HTML 65Page - STMicroelectronics PM0020 Datasheet HTML 66Page - STMicroelectronics PM0020 Datasheet HTML 67Page - STMicroelectronics PM0020 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
ISC logic description
PM00020
64/87
12.4.2
ISC default register
765
432
10
N/A
SECURITY
INT_ERROR
MODE
READY/BUSY
ISC_ERROR
rw
rw
rw
rw
rw
rw
rw
rw
Bit 7
N/A
Bit 6
SECURITY: Security bit (Readout protection).
0: Unsecured device.
1: Secured device.
Bits 5:4
INT_ERROR: Internal Erase/Program Error
00: N/A
01: Fail
10: Success (default)
11: N/A.
These bits will indicate an error if:
1. An attempt to read, program, or erase is made when the Flash is secured
(SECURITY =1).
2. An attempt to program the OTP Sector is made while the OTP LOCK bit is set
(OTP_LOCK_BIT = 1)
3. When the Flash reports an erase/program error.
4. When an ISC_DISABLE instruction is issued and the ISC is in busy mode.
It is not mandatory to clear an INT_ERROR flagged by an internal ERASE or
PROGRAM operation. The device will continue to function normally. However,
the error flag will remain in the ISC_Default and the Instruction_Register bits
<5:4>.
If an INT_ERROR is issued, it can be cleared by a Test-Logic-Reset, a VCC
power-down or an ISC_CLR_STATUS instruction.
Note: If a Test-Logic-Reset is issued while ISC is in busy mode no error flag is
set.
Bit 3
MODE: Mode status bit
0: PSD mode
1: ISC mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com