Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 16Page - STMicroelectronics PM0020 Datasheet HTML 17Page - STMicroelectronics PM0020 Datasheet HTML 18Page - STMicroelectronics PM0020 Datasheet HTML 19Page - STMicroelectronics PM0020 Datasheet HTML 20Page - STMicroelectronics PM0020 Datasheet HTML 21Page - STMicroelectronics PM0020 Datasheet HTML 22Page - STMicroelectronics PM0020 Datasheet HTML 23Page - STMicroelectronics PM0020 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
STR91xFA Flash memory
PM00020
20/87
1.11
Read operations
1.11.1
RSR read bank status register (70h)
Each bank has a Bank Status Register which indicates when a program or erase operation
is completed and the success or error status. Refer to Section 1.13.1 for the register
description.
To read the Bank Status Register:
1.
Write a Read Status Register command (70h) to any word address in the bank. The
status of the other bank is not affected by the command. You can write a Read Status
Register command at any time, even while a Program/Erase operation is ongoing.
2.
Read any address in the bank to obtain the content of the Status Register.
See also Section 1.12.3: CLSR clear status register (50h).
1.11.2
RSIG read electronic signature (90h)
The Electronic Signature is stored in the user configuration sector of Bank 1 which you can
read using the RSIG command. It contains factory-programmed identification data that is
useful to allow other devices to automatically match their interface to the characteristics of
the microcontroller. The RSIG sector also contains Sector protection and Flash
Configuration registers.
To read the Electronic Signature content:
1.
Write a Read Electronic Signature command (90h) to any word address in Bank 1.
2.
Read any of the RSIG registers shown in Table 7 Reading the RSIG locations can be
non-sequential. To access the RSIG registers, read from any address in Bank 1, using
the low byte of the address to select the register.
3.
To exit RSIG mode, write a Read Array command (FFh) to any word address in Bank 1
to return it to Read Array mode.
Table 7.
RSIG electronic signature data for STR91xFAxx2 and STR91xFAxx4
Code or register
Bank 1 word address LSB
Data D[31:0]
Manufacturer Code
00h
20h
Device Code
01h
04570041h
Die Revision Code
02h
xxxx0000h
Protection Level 2 Register
03h
xxxxxxxxh
Protection Level 1 Register
04h
xxxxxxxxh
Flash Configuration Register
05h
xxxxxxxxh
Table 8.
RSIG electronic signature data for STR91xFAxx6 and STR91xFAxx7
Code or register
Bank 1 word address LSB
Data D[31:0]
Manufacturer Code
00h
20h
Device Code
01h
04570041h
Die Revision Code
02h
xxxx0000h
Protection Level 2 Register Bank 0
03h
xxxxxxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com