Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 32Page - STMicroelectronics PM0020 Datasheet HTML 33Page - STMicroelectronics PM0020 Datasheet HTML 34Page - STMicroelectronics PM0020 Datasheet HTML 35Page - STMicroelectronics PM0020 Datasheet HTML 36Page - STMicroelectronics PM0020 Datasheet HTML 37Page - STMicroelectronics PM0020 Datasheet HTML 38Page - STMicroelectronics PM0020 Datasheet HTML 39Page - STMicroelectronics PM0020 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
STR91xFA Flash memory
PM00020
36/87
1.15.2
Non-boot bank size register (FMI_NBBSR)
Address: 5400 0004h
Reset value: 0000 0000h
1.15.3
Boot bank base address register (FMI_BBADR)
Address Offset: 5400 000Ch
Reset value: 0000 0000h
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
NBBSIZE[3:0]
rw
rw
rw
rw
Bits 31:4
Reserved, always read as 0
Bits 3:0
NBBSIZE[3:0]: Non-boot bank size
These bits are set and cleared by software. They define the address space for the
non booting memory bank,Boot bank size = 2 NBBSIZE[3:0] x 8Kbytes.
0000: 8 Kbytes.
0001: 16 Kbytes
....
1101: 64 Mbytes
Other values are reserved.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
BBADDR[23:16]
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BBADDR[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:24
Reserved, always read as 0
Bits 23:0
BBADDR[23:0]: Boot bank base address
These bits are set and cleared by software. They define the base address of the boot bank. The
Flash Bank address BBADDR[23:0] is a word address and is mapped to CPU core address
A[25:2]. The boot address defaults to "0" at reset.
If the Boot Bank is re-mapped later to a different address, the base address must be at a bank
size boundary of the remapped bank. Example (STR91xFAxx4) : for For Bank0, it must be at a
512KB boundary and at a 32KB boundary for Bank1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com