Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 78 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 74Page - STMicroelectronics PM0020 Datasheet HTML 75Page - STMicroelectronics PM0020 Datasheet HTML 76Page - STMicroelectronics PM0020 Datasheet HTML 77Page - STMicroelectronics PM0020 Datasheet HTML 78Page - STMicroelectronics PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
ISC logic description
PM00020
78/87
After the end of the sector is reached, the execution of the next ISC_PROGRAM instruction
is not allowed without shifting in a new address. This avoids the program flow starting again
at the beginning of the sector (by continuing to repeat steps 3 to 7) when the end of the
sector is reached. This control isn't active if the program flow is interrupted before reaching
the end of sector.
Note: 1 This is the only flow that can be used to program the OTP Lock bit
2 DR-Scan in step 4 is optional.
3 The Lock bit may be programmed only once and can never be erased.
Table 43.
OTP Lock Bit program flow
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_ADDRESS_SHIFT
2
DR-Scan
Shift in the 8 bit OTP Lock bit
address - 76 Hex
3
IR-Scan
Load ISC_PROGRAM
4
DR-Scan
Shift in 64 bits don't care
5
Run-Test/Idle
Program starts
Wait for 50 us. Begin polling
6
IR-Scan
Load ISC-NOOP
7
DR-Scan
Shift out status
Repeat step 7 until ready = 1
8
Run-Test/Idle
End
Table 44.
Configuration (sector protect, CSx mapping and LVD configuration bits)
program flow
Step
Tap Activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_ADDRESS_SHIFT
2DR-Scan
Shift in the 8 bit Configuration
address - 50 Hex
3
IR-Scan
Load ISC_PROGRAM
4DR-Scan
Shift in 64 bits to be
programmed.
5
Run-Test/Idle
Program starts
Wait for 50 us. Begin polling
6
IR-Scan
Load ISC-NOOP
7
DR-Scan
Shift out status
Repeat step 7 until ready = 1
8
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com