Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 17Page - STMicroelectronics PM0020 Datasheet HTML 18Page - STMicroelectronics PM0020 Datasheet HTML 19Page - STMicroelectronics PM0020 Datasheet HTML 20Page - STMicroelectronics PM0020 Datasheet HTML 21Page - STMicroelectronics PM0020 Datasheet HTML 22Page - STMicroelectronics PM0020 Datasheet HTML 23Page - STMicroelectronics PM0020 Datasheet HTML 24Page - STMicroelectronics PM0020 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
PM00020
STR91xFA Flash memory
21/87
1.11.3
ROTP read OTP sector (98h)
The OTP (one-time programmable) sector is the user configuration sector of bank 1 which
you can read using the ROTP command. It contains 16 halfwords and 15 are user-
programmable.
To read the OTP sector:
1.
Write a Read OTP sector command (98h) to any word address in Bank 1.
2.
Read any of the OTP words see Reading the OTP words can be non-sequential. To
access the OTP word, read from any address in Bank 1, using the low byte of the
address to select the word.
3.
To exit ROTP mode, write a Read Array command (FFh) to any word address in Bank 1
to return it to Read Array mode.
1.11.4
RD read array (FFh)
Read array is the normal operating mode for reading application data or executing code
from a Flash bank. When a device reset occurs, the banks are in Read Array mode by
default. However when you write some CUI commands to the bank they change the
operating mode (for example to Program or Erase mode). When these operations are
completed, you use the Read Array command to put the bank back into Read Array mode. A
Read Array command will be ignored while a bank is programming or erasing. However in
the other bank, a Read Array command will be accepted.
To put the bank in Read Array mode:
Write a Read Array command (FFh) to any word address in the bank. The status of the
other bank is not affected by the command.
Protection Level 2 Register Bank 1
04h
xxxxxxxxh
Protection Level 1 Register Bank 0
05h
xxxxxxxxh
Protection Level 1 Register Bank 1
06h
xxxxxxxxh
Flash Configuration Register
07h
xxxxxxxxh
Table 8.
RSIG electronic signature data for STR91xFAxx6 and STR91xFAxx7
Code or register
Bank 1 word address LSB
Data D[31:0]
Table 9.
OTP word addressing
OTP word
Bank 1 word address LSB
OTP Word 0
00h
OTP Word 1
01h
OTP Word 2
02h
OTP Word 3
03h
OTP Word 4
04h
OTP Word 5
05h
OTP Word 6
06h
OTP Word 7
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com