Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 30Page - STMicroelectronics PM0020 Datasheet HTML 31Page - STMicroelectronics PM0020 Datasheet HTML 32Page - STMicroelectronics PM0020 Datasheet HTML 33Page - STMicroelectronics PM0020 Datasheet HTML 34Page - STMicroelectronics PM0020 Datasheet HTML 35Page - STMicroelectronics PM0020 Datasheet HTML 36Page - STMicroelectronics PM0020 Datasheet HTML 37Page - STMicroelectronics PM0020 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
STR91xFA Flash memory
PM00020
34/87
Legend:
OTP and Electronic Signature reside in Bank 1 (Secondary Flash)
PA= OTP register address
PD= OTP data
EA= Electronic Signature register address
ED= Electronic Signature data (see Section )
Table 10.
Command summary
Command
Cycles Operation
Address(1)
Data
Operation
Address(1)
Data
RD Read array
1+
Write
Bank Addr
FFh
Read
Read Addr
Data
RSR Read Status
Register
1+
Write
Bank Addr
70h
Read
Bank Addr
Status
Register
RSIG Read
Electronic
Signature
1+
Write
Bank 1 Addr
90h
Read
EA
ED
ROTP Read OTP
sector
1+
Write
Bank 1 Addr
98h
Read
OTP Addr
OTP Data
CLRS Clear
Status Register
1
Write
Bank Addr
50h
SE Sector Erase
2
Write
Sector Addr
20h
Write
Sector Addr
D0h
BE Bank Erase
2
Write
Bank Addr
80h
Write
Bank Addr
D0h
PG Program
Halfword
2
Write
Word Addr
40h
Write
Halfword
Addr
Halfword
PES Program
Erase Suspend
1
Write
Bank Addr
B0h
PER Program
Erase Resume
1
Write
Bank Addr
D0h
SP Sector Protect 2
Write
Sector Addr
60h
Write
Sector Addr
01h
BU Sector
Unprotect
2
Write
Sector Addr
60h
Write
Sector Addr
D0h
CR Write Read
Configuration
Register
2
Write
Bank 1 Addr
60h
Write
Read Config.
Addr (2)
03h
WOTP Program
OTP Sector
2
Write
Bank 1 Addr
C0h
Write
PA (00-
07h)(3)
PD
LOTP Program
OTP Lock bit
2
Write
Bank 1 Addr
C0h
Write
PA (08h)(3)
01h
1.
Address must be within the Bank 0 or 1 memory range as defined in the FMI registers
2.
Refer to Section 1.12.4 for the Read Configuration address.
3.
Refer to Section 1.11.3 for the OTP programming address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com