Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 14Page - STMicroelectronics PM0020 Datasheet HTML 15Page - STMicroelectronics PM0020 Datasheet HTML 16Page - STMicroelectronics PM0020 Datasheet HTML 17Page - STMicroelectronics PM0020 Datasheet HTML 18Page - STMicroelectronics PM0020 Datasheet HTML 19Page - STMicroelectronics PM0020 Datasheet HTML 20Page - STMicroelectronics PM0020 Datasheet HTML 21Page - STMicroelectronics PM0020 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
STR91xFA Flash memory
PM00020
18/87
The reset state of the CUI is Read Array. The command sequence must be followed exactly.
Any invalid combination of commands will reset the device to Read Array mode.
Table 5.
CUI commands
Hex
Code
Command
00h
Invalid Reset
01h
Protect Level 1 Confirm
03h
Write Flash Configuration Register Confirm
10h
Alternative Program Set-up
20h
Sector Erase Set-up
40h
Program Set-up
50h
Clear Status Register
60h
Protect Level 1 Set-up and Write Flash Configuration Register Set-up
70h
Read Status Register
80h
Bank Erase Set-up
90h
Read Electronic Signature
98h
Read OTP sector
B0h
Program/Erase Suspend
C0h
Write (program) OTP or program OTP Lock bit
D0h
Program/Erase Resume, Erase Confirm or Unprotect Level 1 Confirm
FFh
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com