Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 23Page - STMicroelectronics PM0020 Datasheet HTML 24Page - STMicroelectronics PM0020 Datasheet HTML 25Page - STMicroelectronics PM0020 Datasheet HTML 26Page - STMicroelectronics PM0020 Datasheet HTML 27Page - STMicroelectronics PM0020 Datasheet HTML 28Page - STMicroelectronics PM0020 Datasheet HTML 29Page - STMicroelectronics PM0020 Datasheet HTML 30Page - STMicroelectronics PM0020 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
PM00020
STR91xFA Flash memory
27/87
1.13
CUI registers
1.13.1
Bank status register
This register can be read using the RSR command (see Section 1.11.1). It can be cleared
using the CLSR command (see Section 1.12.3)
765
43210
PECS
ESS
ES
PS
PSS
BPS
rc
rc
rc
rc
rc
rc
Bit 7
PECS: FPEC Status.
This bit indicates the status of the Program/Erase Controller (FPEC). You can
poll it to check the progress of FPEC operations. It is set on completion of a
Program or Erase operation. The PS and ES bits indicate success or failure.
0: Busy
1: Ready
Bit 6
ESS: Erase Suspend Status.
This bit is set when you write an Erase Suspend command. It remains set until
an Erase Resume command is received.
0: Erase in progress or completed
1: Erase suspended
Bit 5
ES: Erase Status.
This bit is set to “1” if the FPEC has applied the max. number of erase pulses to
the sector without a successful verify.
0: Erase successful
1: Erase failure
Bit 4
PS: Program status.
This bit is set to “1” if the FPEC has failed to program a word.
0: Program successful
1: Program failure
Bit 3
Reserved.
Bit 2
PSS: Program suspend status.
This bit is set when you write an Program Suspend command. It remains set
until an Program Resume command is received.
0: Programming in progress or completed
1: Programming suspended
Bit 1
SP: Sector protection status.
This bit is set to “1” if a Program or Erase operation has been attempted on a
protected sector
0: No Protection error
1: Program/Erase attempted on protected sector
Bit 0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com