Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 70 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 66Page - STMicroelectronics PM0020 Datasheet HTML 67Page - STMicroelectronics PM0020 Datasheet HTML 68Page - STMicroelectronics PM0020 Datasheet HTML 69Page - STMicroelectronics PM0020 Datasheet HTML 70Page - STMicroelectronics PM0020 Datasheet HTML 71Page - STMicroelectronics PM0020 Datasheet HTML 72Page - STMicroelectronics PM0020 Datasheet HTML 73Page - STMicroelectronics PM0020 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
ISC logic description
PM00020
70/87
that drive the output pins are updated on the falling edge of the TCK in the Update-DR state.
Input signals from external sources are sampled on the rising edge of TCK in the Capture-
DR state. Typically, a SAMPLE/PRELOAD instruction is performed prior to EXTEST to pre-
load the values, which will drive the component outputs.
12.5.6
INTEST
The optional INTEST instruction places the IC in an internal boundary-test mode and
selects the boundary-scan register to be connected between TDI and TDO. During this
instruction, the boundary-scan register is accessed to drive test data on-chip via the
boundary inputs and receive test data on-chip via the boundary outputs.
12.5.7
IDCODE
Description:
Shift out hardwired silicon signature
Requirement:
None
Register:
Device-ID
Shift-In:
32 bits don't care
Shift-Out:
32 bits ID-Code
Mode:
ISC and PSD
Security:
Fully functional
Table 32.
IDCODE sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load IDCODE
2
DR-Scan
IDCODE shift out
3
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com