Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 31Page - STMicroelectronics PM0020 Datasheet HTML 32Page - STMicroelectronics PM0020 Datasheet HTML 33Page - STMicroelectronics PM0020 Datasheet HTML 34Page - STMicroelectronics PM0020 Datasheet HTML 35Page - STMicroelectronics PM0020 Datasheet HTML 36Page - STMicroelectronics PM0020 Datasheet HTML 37Page - STMicroelectronics PM0020 Datasheet HTML 38Page - STMicroelectronics PM0020 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
PM00020
STR91xFA Flash memory
35/87
1.15
FMI register description
The FMI Registers configure the size and base address of Bank 0 and Bank 1. The address
ranges of Bank 0 and Bank 1 must not overlap each other.
The microcontroller boots from Bank 0 by default:
In the default configuration:
●
Bank 0 is the Boot Bank, after reset the application program has to write the size and
base address of Bank 0 in the FMI_BBSR and FMI_BBADR registers
●
Bank 1 is the Non-Boot Bank, after reset the application program has to write the size
and base address of Bank 1 in the FMI_NBBSR and FMI_NBBADR registers
Booting from Bank 1
The STR91FA microcontroller can also boot from Bank 1. The selection of the Boot Bank
can be modified using JTAG.
If Bank 1 is the Boot bank, after reset, the application program has to write the size and start
address of Bank 1 in the FMI_BBSR and FMI_BBADR registers and the size and start
address of Bank 0 in the FMI_NBBSR and FMI_NBBADR registers.
1.15.1
Boot bank size register (FMI_BBSR)
Address: 5400 0000h
Reset value: 0000 0000h
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9876543210
Reserved
BBSIZE[3:0]
rw
rw
rw
rw
Bits 31:4
Reserved, always read as 0
Bits 3:0
BBSIZE[3:0]: Boot bank size
These bits are set and cleared by software. They define the address space for the
boot bank, Boot bank size = 2 BBSIZE[3:0] x 32Kbytes.
0000: 32 Kbytes.
0001: 64 Kbytes
....
1011: 64 Mbytes
Other values are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com