Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 7Page - STMicroelectronics PM0020 Datasheet HTML 8Page - STMicroelectronics PM0020 Datasheet HTML 9Page - STMicroelectronics PM0020 Datasheet HTML 10Page - STMicroelectronics PM0020 Datasheet HTML 11Page - STMicroelectronics PM0020 Datasheet HTML 12Page - STMicroelectronics PM0020 Datasheet HTML 13Page - STMicroelectronics PM0020 Datasheet HTML 14Page - STMicroelectronics PM0020 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
PM00020
STR91xFA Flash memory
11/87
The STR91xFAxx6 embedded Flash Module is organized as shown in Table 3
Bank 1
32 Kbytes
Bank 1 Sector 0
0x0000.0000 - 0x0000.1FFF
8K
Bank 1 Sector 1
0x0000.2000 - 0x0000.3FFF
8K
Bank 1 Sector 2
0x0000.4000 - 0x0000.5FFF
8K
Bank 1 Sector 3
0x0000.6000 - 0x0000.7FFF
8K
Bank 1
User Configuration Sector (OTP
and Electronic Signature,
Configuration and Protection
Registers)
Access via CUI or JTAG
32
Table 2.
STR91xFAxx4 Flash module organization
Bank
Sector
Address Offset
Size (bytes)
Table 3.
STR91xFAxx6 Flash module organization
Bank
Sector
Address Offset
Size (bytes)
Bank 0
1024Kbytes
Bank 0 Sector 0
0x0000.0000 - 0x0000.FFFF
64K
Bank 0 Sector 1
0x0001.0000 - 0x0001.FFFF
64K
Bank 0 Sector 2
0x0002.0000 - 0x0002.FFFF
64K
Bank 0 Sector 3
0x0003.0000 - 0x0003.FFFF
64K
Bank 0 Sector 4
0x0004.0000 - 0x0004.FFFF
64K
Bank 0 Sector 5
0x0005.0000 - 0x0005.FFFF
64K
Bank 0 Sector 6
0x0006.0000 - 0x0006.FFFF
64K
Bank 0 Sector 7
0x0007.0000 - 0x0007.FFFF
64K
Bank 0 Sector 8
0x0008.0000 - 0x0008.FFFF
64K
Bank 0 Sector 9
0x0009.0000 - 0x0009.FFFF
64K
Bank 0 Sector 10
0x000A.0000 - 0x000A.FFFF
64K
Bank 0 Sector 11
0x000B.0000 - 0x000B.FFFF
64K
Bank 0 Sector 12
0x000C.0000 - 0x000C.FFFF
64K
Bank 0 Sector 13
0x000D.0000 - 0x000D.FFFF
64K
Bank 0 Sector 14
0x000E.0000 - 0x000E.FFFF
64K
Bank 0 Sector 15
0x000F.0000 - 0x000F.FFFF
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com