Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 41Page - STMicroelectronics PM0020 Datasheet HTML 42Page - STMicroelectronics PM0020 Datasheet HTML 43Page - STMicroelectronics PM0020 Datasheet HTML 44Page - STMicroelectronics PM0020 Datasheet HTML 45Page - STMicroelectronics PM0020 Datasheet HTML 46Page - STMicroelectronics PM0020 Datasheet HTML 47Page - STMicroelectronics PM0020 Datasheet HTML 48Page - STMicroelectronics PM0020 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
PM00020
JTAG sequence
45/87
5.1
JTAG timing specification
Table 11.
Power up mode
Symbol
Parameter
Value
Unit
Min
Max
tJTCKL
JTCK Low
3(1/fCPUCLK)
ns
tJTCKH
JTCK High
3(1/fCPUCLK)
ns
tJTCKP
JTCK Period
10(1/fCPUCLK)
ns
tJTSU
JTDI, JTMS Setup before JTCK High
4
ns
tJTHLD
JTDI Hold after JTCK High
4
ns
tJTMSHLD
JTMS Hold after JTCK High
3(1/fCPUCLK)
ns
tJDVAL
JTCK Low to JTDO Valid
28
ns
fJTCK
JTCK Frequency
fCPUCLK/ 10
Table 12.
Turbo mode
Symbol
Parameter
Value
Unit
Min
Max
tJTCKL
JTCK Low
32
ns
tJTCKH
JTCK High
32
ns
tJTCKP
JTCK Period
66.7
ns
tJTSU
JTDI, JTMS Setup before JTCK High
4
ns
tJTHLD
JTDI, JTMS Hold after JTCK High
4
ns
tJDVAL
JTCK Low to JTDO Valid
28
ns
fJTCK
JTCK Frequency
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com