Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 27Page - STMicroelectronics PM0020 Datasheet HTML 28Page - STMicroelectronics PM0020 Datasheet HTML 29Page - STMicroelectronics PM0020 Datasheet HTML 30Page - STMicroelectronics PM0020 Datasheet HTML 31Page - STMicroelectronics PM0020 Datasheet HTML 32Page - STMicroelectronics PM0020 Datasheet HTML 33Page - STMicroelectronics PM0020 Datasheet HTML 34Page - STMicroelectronics PM0020 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
PM00020
STR91xFA Flash memory
31/87
1.13.5
Protection level 1 register (STR91xFAxx6 and STR91xFAxx7)
This register can be read using the RSIG command (see Section 1.11.2). It can be
programmed via PRP command (see Section 1.12.5) or via JTAG.
If a sector is write protected in the Protection Level 2 register it cannot be unprotected via
PRP command. See also Section 1.9. The register is set to default value at power up or by
Low Voltage Detect Reset. System reset (external or watchdog reset) will not change the
register value).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PL1B0S[31:16]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PL1B0S[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:0
PL1B0S[7:0]: Level 1 Protection Status on Bank 0 Sector x.
0: Sector x of Bank 0 not write protected
1: Sector x of Bank 0 is Level 1 write protected (default)
15
14
13
12
11
10
9876543
210
Reserved
PL1B1S[7:0]
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:0
PL1B1S[7:0]: Level 1 Protection Status on Bank 1Sector x.
0: Sector x of Bank 0 not write protected
1: Sector x of Bank 0 is Level 1 write protected (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com