Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 83 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics PM0020 Datasheet HTML 83Page - STMicroelectronics PM0020 Datasheet HTML 84Page - STMicroelectronics PM0020 Datasheet HTML 85Page - STMicroelectronics PM0020 Datasheet HTML 86Page - STMicroelectronics PM0020 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
PM00020
ISC logic description
83/87
12.5.21
ISC_BLANK_CHECK
Description:
Blank check single/multiple/all sectors
Requirement:
Part is in ISC mode, unsecured
Register:
ISC_Sector
Shift-In:
64 bits for sector to be blank checked
Shift-Out:
64 bits for blank sector data
Mode:
ISC
Security:
Blocked
Configuration Sector "blanked" means all the bit are not programmed and are read '0'
(default value).
OTP sector can be addressed in the SECTOR_REGISTER only for a blank check operation.
It cannot be erased. OTP "blanked" means it is not programmed and unlocked.
12.5.22
ISC_TEST_ENABLE
Description:This instruction is for factory testing of the device only.
12.5.23
TRST, LVD_RESET_ON and TEST-LOGIC-RESET
TRST pin, active low, resets the JTAG Tap Controller and synchronizes the JTAG state
machines to the same reset state on both the ARM MCU and the Flash Memory.
LVD_RESET_OUT pin, active low, detects a Low Voltage condition and resets the JTAG Tap
controller.
When TRST or LVD_RESET_OUT are active, the JTAG state machine jumps
asynchronously to the Test-Logic-Reset state, which activates an internal reset.
When a test logic reset is asserted while the Flash memory is in modify mode, the modify
operation will be aborted and the memory content is not guaranteed. The aborted operation
Table 49.
ISC_BLANK_CHECK sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_BLANK_CHECK
2DR-Scan
Shift in sector(s) to be blank checked. '1'
check; '0' don't check
3
Run-Test/Idle
Blank check starts, wait 40 ms
4DR-Scan
'0' = Sector selected and blank
'1' = Sector selected and not blank.
If sector is not selected for checking,
value is N/A
5IR-Scan
Load ISC_NOOP (to replace
ISC_BLANK_CHECK)
6
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com