Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 21Page - STMicroelectronics PM0020 Datasheet HTML 22Page - STMicroelectronics PM0020 Datasheet HTML 23Page - STMicroelectronics PM0020 Datasheet HTML 24Page - STMicroelectronics PM0020 Datasheet HTML 25Page - STMicroelectronics PM0020 Datasheet HTML 26Page - STMicroelectronics PM0020 Datasheet HTML 27Page - STMicroelectronics PM0020 Datasheet HTML 28Page - STMicroelectronics PM0020 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
PM00020
STR91xFA Flash memory
25/87
You can read the Bank Status register after the erase suspend is issued. The PECS and
ESS bits in the Bank Status register are set to ’1’ when the erase operation has been
suspended. The ESS bit is cleared if the erase is completed or in progress.
The valid commands while erase is suspended are: Program/Erase Resume, Program,
Read Array, Read Status Register, Read Electronic Signature, Sector Protect, and Sector
Unprotect. You can protect the sector being erased by issuing the Sector Protect command.
During Erase Suspend, the Flash goes into standby mode which reduces power
consumption. Erase is aborted if the device is powered off.
Program suspend
The Program Suspend command freezes the ongoing programming operation.
The PSS bit in the Bank Status Register is set to '1' (within 5µs) if the program operation has
been suspended. The PSS bit is cleared if the program operation is completed or in
progress.
The valid commands while program is suspended are: Program/Erase Resume, Read Array,
Read Status Register, Read Electronic Signature. During program suspend mode, the Flash
goes into standby mode which reduces power consumption. The Program operation is
aborted if the device is powered off.
1.12.8
LOTP lock OTP sector (C0h)
The Lock OTP command allows you to modify the LOCK bit in the Protection Level 2
Register When it is set, the OTP sector is protected from any further write access. Refer to
Section 1.13.2.
To program the LOCK bit:
1.
Write a Write OTP command (C0h) to any word address in Bank 1.
2.
Write the data value 01h to any word address in Bank 1 with 08h in the low byte of the
address.
3.
After writing the data, reading any address within the bank 1 will return the Bank 1
Status Register data.
–
While programming is in progress the PECS bit in the Bank 1 Status Register is
‘0’. When programming is completed the PECS bit is ‘1’.
–
The PS bit in the Bank 1 Status Register returns ‘1’ if there has been a
programming error.
–
If the OTP sector is already locked, the program operation aborts and the SP bit in
the Status Register returns ‘1’
4.
While programming is ongoing, Bank 1 accepts only Read Status Register (70h) and
Program/Erase Suspend (B0h) commands.
5.
At the end of the Lock OTP Sector operation:
–
Write a Clear Status Register (50h) command to the bank to reset the Status
Register.
–
Write a Read Array (FFh) command to return to normal operations.
1.12.9
WOTP write OTP sector (C0h)
The Write OTP command programs a halfword in the OTP sector. Once an OTP halfword is
written, it cannot be erased. The other “unprogrammed” halfword can still be written at a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com