Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 51 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 47Page - STMicroelectronics PM0020 Datasheet HTML 48Page - STMicroelectronics PM0020 Datasheet HTML 49Page - STMicroelectronics PM0020 Datasheet HTML 50Page - STMicroelectronics PM0020 Datasheet HTML 51Page - STMicroelectronics PM0020 Datasheet HTML 52Page - STMicroelectronics PM0020 Datasheet HTML 53Page - STMicroelectronics PM0020 Datasheet HTML 54Page - STMicroelectronics PM0020 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
PM00020
JTAG sequence
51/87
5.13
ISC-ERASE
5.14
ISC-BLANK-CHECK sequence
Table 23.
ISC-ERASE sequence
Step
Tap Activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load 5-bit BYPASS + ISC_ERASE
2
DR-Scan
Shift in 1-bit BYPASS + sector(s) to be erased.
‘1’ erase; ‘0’ don’t erase
3
Run-Test/Idle
Erase starts
Begin polling
4
IR-Scan
Load 5-bit BYPASS + ISC-NOOP
5
DR-Scan
Shift out 1-bit BYPASS + status
Repeat step 5 until ready = 1
6
Run-Test/Idle
End
Table 24.
ISC-BLANK-CHECK sequence
Step
Tap Activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load 5-bit BYPASS + ISC_BLANK_CHECK
2
DR-Scan
Shift in 1-bit BYPASS + sector(s) to be blank checked.
‘1’ check; ‘0’ don’t check
3
Run-Test/Idle
Blank check starts, wait 40ms
4
DR-Scan
Shift out 1-bit BYPASS + sector blank info.
‘1’ = Sector selected and blank
‘0’ = Sector either not selected or not blank.
5IR-Scan
Load 5-bit BYPASS + ISC_NOOP (to replace
ISC_BLANK_CHECK)
6
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com