Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 86 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics PM0020 Datasheet HTML 83Page - STMicroelectronics PM0020 Datasheet HTML 84Page - STMicroelectronics PM0020 Datasheet HTML 85Page - STMicroelectronics PM0020 Datasheet HTML 86Page - STMicroelectronics PM0020 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
Revision history
PM00020
86/87
13
Revision history
Table 52.
Document revision history
Date
Revision
Changes
10-May-2006
1
Initial release.
11-Aug-2006
2
Added a wait time of 50 µs before polling in Section 5.9: ISC-
PROGRAM on page 48
Changed program OTP sector in Section 7: Erase and program
operation on page 53
Changed verify OTP sector in Section 8: Verify operation on page 55
Changed blank check OTP sector Section 9: Blank-check operation
on page 56
Changed wait time to 50 µs Section 12.5.16: ISC PROGRAM on
page 76
24-May-2007
3
Added JTAG timing specification in Section 5.1.
Added 9 new STR9 partnumbers in Table 8 on page 31 and Table 15
on page 37.
Moved security-bit programming toward the end of programming flow
in Section 7.
Added remark on register default value to Section 1.13.4: Protection
level 1 register (STR91xFAxx2 and STR91xFAxx4) on page 30
andSection 1.13.6: Flash configuration register on page 32
Changed description of bit 4 and 3 in Section 1.15.5: FMI control
register (FMI_CR) on page 37
12-Dec-2007
4
Updated product references to STR91xFA throughout document.
Added Table 3 on page 11 and Table 4 on page 13
Updated Section 1.5: Electronic signature on page 16
Updated Section 1.6: OTP sector on page 16
Updated Section 1.11.2: RSIG read electronic signature (90h) on
page 20
Updated Section 1.12: Write operations on page 22
Updated Section 1.13.2 and Section 1.13.3
Updated Booting from Bank 1 on page 35
Updated Section 1.15.1 to Section 1.15.4
16-April-2008
5
Added Section 1.16: STR91x in-application programming (IAP) on
page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com