Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 28Page - STMicroelectronics PM0020 Datasheet HTML 29Page - STMicroelectronics PM0020 Datasheet HTML 30Page - STMicroelectronics PM0020 Datasheet HTML 31Page - STMicroelectronics PM0020 Datasheet HTML 32Page - STMicroelectronics PM0020 Datasheet HTML 33Page - STMicroelectronics PM0020 Datasheet HTML 34Page - STMicroelectronics PM0020 Datasheet HTML 35Page - STMicroelectronics PM0020 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
STR91xFA Flash memory
PM00020
32/87
1.13.6
Flash configuration register
This register can be read using the RSIG command (see Section 1.11.2). It can be written
using the CR command (see Section 1.12.4). Reserved bit values cannot be modified. .The
register is set to default value at power up or by Low Voltage Detect Reset. System reset
(external or watchdog reset) will not change the register value).
15
14
13
12
11
10
987
6543210
Reserved
WSTATES[1:0]
PWD
LVD EN
reserved
BUS
CFG
reserved
rw
rw
rw
rw
rw
Bits 15:13
Reserved, default value =001b.
Bits 12:11
WSTATES[1:0]: Wait states.
These bits define the number of wait states inserted in asynchronous read
accesses.
00: 1 Wait state (default)
01: 2 Wait states
10: 3 Wait states
Note: Wait States are inserted only for non-bursting Flash read bus cycles. One
wait state is required for a FMI bus clock frequency of 66 MHz or less. Two wait
states are required for 75 MHz bus clock frequency.
Bit 10
PWD: Power-down configuration.
0: Power-down disabled
1: Power-down enabled (default)
Bit 9
LVDEN: Low Voltage Detector enable.
This bit indicates if the LVD (reset and early warning interrupt) is disabled
0: LVD enabled (default)
1: LVD disabled
Bits 8:5
Reserved, default value = 0110b
Bit 4
BUSCFG: Flash bus clock configuration.
This bit selects the FMI Flash bus clock configuration. It can be set by software
to configure the bus for frequencies greater than 66 MHz.
0: Low frequency bus clock (default)
1: Bus clock speed > 66 MHz
Bits 3:0
Reserved, default value =1111b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com