Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0020 Datasheet(PDF) 46 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 42Page - STMicroelectronics PM0020 Datasheet HTML 43Page - STMicroelectronics PM0020 Datasheet HTML 44Page - STMicroelectronics PM0020 Datasheet HTML 45Page - STMicroelectronics PM0020 Datasheet HTML 46Page - STMicroelectronics PM0020 Datasheet HTML 47Page - STMicroelectronics PM0020 Datasheet HTML 48Page - STMicroelectronics PM0020 Datasheet HTML 49Page - STMicroelectronics PM0020 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
JTAG sequence
PM00020
46/87
5.2
TURBO-PROG-ENABLE
Note:
While executing this Turbo Mode instruction, Turbo Mode is not active yet. As such, JTCK
needs to be 10X slower than the system clock. Since the system clock can be anywhere
between 4 MHz to 25 MHz, it is best to run JTCK at 400 kHz or below. Once Turbo Mode is
active, JTCK can be at a much faster frequency (i.e. 10 MHz).
Once Turbo Mode is activated, it can only be disabled by a power down or by taking JTRSTn
to low.
This instruction is NOT IEEE 1149.1 JTAG Standard compliant. There is no direct status
check for the success status.
5.3
IDCODE
5.4
ISC-CONFIGURATION
Table 13.
TURBO-PROG-ENABLE sequence
Step
TAP activity
Comment
0
Run-Test/Idle
Start
1IR-Scan
Load Turbo Mode Instruction:
"01101 1111 11111111"
2
Run-Test/Idle
End
Table 14.
IDCODE sequence
Step
TAP Activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load 5-bit BYPASS + IDCODE
2
DR-Scan
Shift out 1-bit BYPASS + IDCODE
3
Run-Test/Idle
End
Table 15.
ISC-CONFIGURATION sequence
Step
TAP Activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load 5-bit BYPASS + ISC-CONFIGURATION
2
DR-Scan
Shift out 1-bit BYPASS + sector protect, CSx, LVD
Threshold and Lock OTP information
3
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com