Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation ACE9050 Datasheet HTML 10Page - Mitel Networks Corporation ACE9050 Datasheet HTML 11Page - Mitel Networks Corporation ACE9050 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ACE9050
8
Description
Symbol
Units
Turbo clock
Typ.
Max.
Min.
Normal clock
Typ.
Max.
Min.
tECLK
tADVWEH
tWEHADI
tCSLWEH
tWELWEH
tDAVWEH
tWEHDAI
tADVDALZ
tADVCSL
tWEHCSH
Cycle time
Address valid to end of Write
Address hold time
Chip enable set-up time
WE pulse width
Data valid set-up time
Data hold time
Address valid to data low Z
Address valid to chip select
WE high to CS high
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
395
63
390
173
177
60
203
0
66
496
420
72
415
181
183
225
4
72
427
93
425
184
192
239
9
105
835
125
825
363
365
120
451
0
127
992
853
140
840
364
368
473
5
140
862
151
860
371
371
487
10
163
Timing Cycle Conditions
Input clock frequency, XIN = 8·064MHz. Worst case timings: TAMB = 240°C to 185°C, VDD = 13·6V to 15·5V
Typical timings: TAMB = 125°C, VDD = 13·75V
tADVCSL
tCSLWEH
tECLK
tADVWEH
tWELWEH
tWEHADI
tWEHCSH
tADVDALZ
tDAVWEH
tWEHDAI
ECLK
ADDR
CS
WEN
DATA
Write Cycle (Normal Mode)
Fig. 5 ACE9050 6303 Write cycle timing diagram
Table 4 ACE9050 6303 Write cycle timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com