Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation ACE9050 Datasheet HTML 10Page - Mitel Networks Corporation ACE9050 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
ACE9050
7
Description
Symbol
Units
Turbo clock
Typ.
Max.
Min.
Normal clock
Typ.
Max.
Min.
tECLK
tADVCSL
tCSLCLL
tOELCLL
tDAVCLL
tCLLDAI
tCLLOEH
tCLLCSH
tCLLADI
Cycle time
Address valid to CS low
Chip Select set-up time
OEN set-up time
Data set-up time
Data hold time
OEN hold time
CS hold time
Address hold time
ns
ns
ns
ns
ns
ns
ns
ns
ns
2
445
240
35
0
0
9
7
496
4
480
245
1
24
18
9
490
248
4
45
42
2
940
485
35
0
0
9
7
992
4
972
492
1
24
18
9
985
495
4
45
42
Timing Cycle Conditions
Input clock frequency, XIN = 8·064MHz. Worst case Timings: TAMB = 240°C to 185°C, VDD = 13·6V to 15·5V
Typical timings: TAMB = 125°C, VDD = 13·75V
Table 3 ACE9050 6303 Read cycle timing
NORMAL MODE PROCESSOR INTERFACE
Read Cycle
tADVCSL
tECLK
tCSLCLL
tOELCLL
tDAVCLL
ECLK
ADDR
CS
OEN
DATA
tCLLADI
tCLLCSH
tCLLDAI
tCLLOEH
Fig.4 ACE9050 6303 Read cycle timing diagram
TIMING DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com