Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 39 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 39 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 35Page - Mitel Networks Corporation ACE9050 Datasheet HTML 36Page - Mitel Networks Corporation ACE9050 Datasheet HTML 37Page - Mitel Networks Corporation ACE9050 Datasheet HTML 38Page - Mitel Networks Corporation ACE9050 Datasheet HTML 39Page - Mitel Networks Corporation ACE9050 Datasheet HTML 40Page - Mitel Networks Corporation ACE9050 Datasheet HTML 41Page - Mitel Networks Corporation ACE9050 Datasheet HTML 42Page - Mitel Networks Corporation ACE9050 Datasheet HTML 43Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ACE9050
39
Further software filtering may be required. The result of the
measurement will reside in MODPRT1 bits 5 and 6. If the IRQ-
BI-SAT interrupt is not masked an IRQ-Bl-SAT interrupt will
occurattheendofeachmeasurementperiod,aftertheMODPRT1
has been updated.
Associated Register
SCCRX [1:0] MODPRT1 [5:4]
Read
SCCRX [1:0]
00
01
10
11
5955-5984
5985-6014
6015-6045
< 5955 > 6045
Limits (Hz)
SAT tone (Hz)
5970
6000
6030
No SAT
Table 84
SAT Transmitter
The ACE9050 has an on-chip SAT generator which can
generate 5·97kHz, 6kHz, or 6·03 kHz signals. The selection is
made via bits SCCTX [1:0] in MODPRT0. Alternatively the
received SAT can be looped around and re-transmitted. The
ACE9050 provides a multiplexer so either source can be selected
under software control via the SATMUX bit in PORT4.
The generator circuit consists of a series of preset counters
runningfromthesystemclock.TheACE9050makesnoallowance
for varying the phase of the regenerated SAT tone as this not a
requirement for current AMPS or TACS protocols.
When the Received SAT is looped around the ACE9050 only
buffers the incoming SAT signal on RXSAT before feeding it to
the TXSAT output pin.
Associated Registers
SCCTX[1:01 MODPRT0 [5:4]
Write
SCCTX [1:0]
00
01
10
11
Generated SAT tone (Hz)
5970
6000
6030
No SAT generated
Table 85
SATMUX PORT 4[2]
SATMUX
0
1
Internally generated SAT
RX SAT
TX SAT source
Table 86
The buses can be used for data transfer between any ICs that
have the appropriate interface logic; however, in a system using
the ACE Chips the following words are valid on the ACEBus:
ACE9030
Sleep Word
Normal (ADC Values Read)
Set-up
Synth Word A
Synth Word B
Synth Word C
Synth Word D
Synth Dummy word (Low Noise Mode)
ACE9040
Operating mode
Initialising Mode 0
Initialising Mode 1
Handsfree
For more information refer to the ACE9030 and ACE9040
data sheets.
The ACEBus consists of a 1·008MHz clock, a bidirectional
data line and 4 latch outputs. The clock and data lines are
common, while the latch outputs are connected as follows:
Latch 0: Control (ACE9040, LEN)
Latch 1: Radio interface section (ACE9030, LATCHB)
Latch 2: Internally connected to MUX #2
Latch 3: Synthesiser section (ACE9030, LATCHC)
Valid data is transmitted in a stream of 24 continuous bits. At
the end of the last bit the relevant latch is activated. This will latch
the data into the target device. The data line will become tristate
after the data transfer so that data may be received from a bus
driver.
The block contains eight ACE9050 registers. Three are for
serial data transmit, three for receive and two are for bus control.
The block also contains interrupt generating circuitry. The
SynthBus contains a data line Synthdata, clock line Synthclk and
associated Latch2, which is multiplexed with OUT2[2] and
PWM2.
The clock to ACE Serial Interface block can be disabled to
reduce the overall power consumption of the ACE9050. Turning
off this clock will disable the ACE Serial Interface but will not turn
off the C1008 clock.
External Pins
3. ACE SERIAL INTERFACE BLOCK
General Description
The ACE Serial Interface contains two serial interfaces: The
ACEBus and the SynthBus. The ACEBus is used to distribute
data to and from ICs in the ACE chipset. The SynthBus is
redundant when using the ACE chipset.
The ACE9050 contains the Master Transmitter/Receiver unit
for the ACEBus. The ACE9040 and ACE9030 contain slave
units. The bus is used for programming the devices into the
required state. This will be required when the phone is powered
up, and during phone operation. The ACE9030 can also transmit
ADCs values to the ACE9050 on the ACEBus.
C1008 (pin 90)
Refer to Clock Generator Section. This clock is used for data
transfer. In the ACE9030 and ACE9040 it is also used for
clocking other functions so care must be exercised in turning this
clock off.
DTFG (pin 82)
Bidirectional data line. The ACE9050 clocks out data loaded
into the 3 registers. Data is clocked in and out of the ACE9050
on the falling edge of C1008.
LATCH 0 (pin 80)
Latch pulse used to target data transfer. In a system using the
ACE chip set Latch0 is connected to the LEN input of the
ACE9040. The latch is nominally a 500ns pulse.
LATCH 1 (pin 78)
Latch pulse used to target data transfer. In a system using the
ACE chip set Latch1 is connected the ACE9030 Radio Interface
(LATCHB). The latch is nominally a 500ns pulse.
LATCH 3 (pin 75)
Latch pulse used to target data transfer and optimise the
performance of the synthesiser. In a system using the ACE chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com