Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 48 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 48 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 44Page - Mitel Networks Corporation ACE9050 Datasheet HTML 45Page - Mitel Networks Corporation ACE9050 Datasheet HTML 46Page - Mitel Networks Corporation ACE9050 Datasheet HTML 47Page - Mitel Networks Corporation ACE9050 Datasheet HTML 48Page - Mitel Networks Corporation ACE9050 Datasheet HTML 49Page - Mitel Networks Corporation ACE9050 Datasheet HTML 50Page - Mitel Networks Corporation ACE9050 Datasheet HTML 51Page - Mitel Networks Corporation ACE9050 Datasheet HTML 52Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
ACE9050
48
Reset internal interrupts
Mask internal interrupts
Read internal interrupts
Reset external interrupts
Mask external interrupts
Read exernal interrupts
Interrupts
Name
Description
IRQPRT0
IRQPRT1
IRQPRT2
IRQPRT4
IRQPRT5
IRQPRT6
Addr
R/W
W
W
R
W
W
R
70
72
2C
74
76
2E
Table 122
I2C Slave address
I2C Data Tx/Rx
I2C Control
I2C Status
I2C Clock
I2C
Name
Description
I2C_ADDR
I2C_DATA
I2C_CNTR
I2C_STAT
I2C_CCR
Addr
R/W
R/W
R/W
R/W
R
W
54
55
56
57
57
Table 125
ACE Serial Interface
Name
Description
Addr
R/W
ACE interface TX1
ACE interface TX2
ACE interface TX3
ACE interface Control
ACE interface RX1
ACE interface RX2
ACE interface RX3
Latch 3 width
LSICOM0
LSICOM1
LSICOM2
LSICOM3
LSICOM4
LSICOM5
LSICOM6
STR_WIDTH
W
W
W
W
R
R
R
W
60
62
64
66
3A
3C
3E
67
Table 123
PWM
Name
Description
Addr
R/W
PWM 1 data
PWM 2 data
DAC1
DAC2
W
W
5B
5C
Table 124
Modem
Name
MODPRT0
MODPRT1
MODPRT2
Table 126
Description
Addr
R/W
R/W
R/W
R/W
30
32
34
Configuration
Control/Status
Data Tx/Rx
BAR
Name
Description
Addr
R/W
BAR on
BAR off
BAR Output Enable
BARHIGH
BARLOW
BARENABLE
W
W
W
50
51
52
Table 127
Baud Rate Generator
Name
Description
Addr
R/W
UART Baud select
BRG
W
53
Table 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com