Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 32 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 32 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation ACE9050 Datasheet HTML 33Page - Mitel Networks Corporation ACE9050 Datasheet HTML 34Page - Mitel Networks Corporation ACE9050 Datasheet HTML 35Page - Mitel Networks Corporation ACE9050 Datasheet HTML 36Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
ACE9050
32
Associated Registers
PORT3 Read/Write
Bit
Name
Block
Logic state
0 = No action
*
1 = Modem fully enabled
0 = Latch pulse 3
generated
*
1 = Latch 3 set to 1
0 = IFC counter reset
*
1 = Enable IFC counter
0 = POFFN set to 0
*
1 = POFFN set to 1
0 = Active
*
1 = Sleep
0 = OUT2 [0]
*
1 = 8·064MHz Clock
0 = No action
*
1 = CSEPN lnactive for
address FFFFH
0 = 256 period count
*
1 = 2432 period count
ENMOD
ONRAD
STIFC
UPOFFN
MDMSLP
ENSIS
SLEEP
IFFREQ
Modem
ACE serial
interface
IFC counter
ATO and
Watchdog
Modem
Clock Gen
Decoder
IFC counter
7
6
5
4
3
2
1
0
Bit
Name
Block
Logic state
SEL_I2C
CLKENAB
PWM1MUX
I2C
Clock Gen
Output
Mux #1
2
1
0
PORT5 Read/Write (continued)
*Reset state in Normal mode
Table 56
0 = I2C Reset
*
1 = I2C Enabled, SCL
and SDA selected
0 = C1008 Low
1 = C1008 Enabled
*
0 = PWM 1
1 = OUT_PORT2 [1]
*
*Reset state in Normal mode
Table 58 (continued)
2. AMPS/TACS MODEM AND SAT CONTROLLER
General Description
The Modem function supports both AMPS and TACS mobile
phone systems. Selection is made via software; no external
component changes are necessary. The Modem provides the
following hardware:
CPU interface
Data Receiver
Data Transmitter
SAT Decoder
SAT Transmitter
The Data Receiver contains a Digital Discriminator, Data
Decoder and Word Sync Detector (see Fig. 20). The Transmitter
generatesManchesterencodeddata.TheSATreceivermeasures
the incoming SAT signal. The SAT transmitter can either re-
transmit the received SAT or generate one of the 3 standard SAT
tones .
External Pins
AFC/RXDATA Data Input (pin 60)
Data is fed into the digital Discriminator via this input pin. The
data can be a composite Voice, Data and SAT modulated carrier
mixed down to either 54kHz or 450 kHz. The signal must be of
the CMOS input levels described in the AC Characteristics
section. The ACE9030 provides such an output on its AFCOUT
pin. The ACE9030 samples the 450kHz IF with a 504kHz
clocked register to produce a 54kHz CMOS output.
TXDATA Transmit Data Output (pin 63)
When enabled this output generates Manchester encoded
Data at the appropriate data rate. This produces a digital output
which must be filtered and combined with the other sources of TX
modulation. The ACE9040 provides these functions via the DATI
input.
RXSAT Received SAT Input (pin 51)
This input is for the received SAT which, must have been
filtered to give the appropriate SAT tone with CMOS level
swings. The ACE9040 provides the filtering and amplification to
provide a suitable signal on the RSO output.
TXSAT Transmit SAT output (pin 62)
This output provides a CMOS level SAT frequency output.
The source can either be the Received SAT, or a totally
independent SAT tone generated locally in the ACE9050. This
output which must be filtered and combined with the other source
of TX modulation. The ACE9040 provides these functions via the
TSI input.
Bit
Name
Block
Logic state
0 = Active
Oscillator
*
1 = Power down
00 = OUT2 [2]
*
01 = PWM 2
10 = Latch 2
-
XOSC_PD
OUT2.2_SEL
-
Not used
Clock Gen
Output
Mux #2
Not used
7
6
[5:4]
3
PORT5 Read/Write
Table 58
Bit
Name
Block
Logic state
0 = Active
*
1 = Sleep
0 = Clk sync to data
*
1 = Clk not sync to data
0 = 1·008MHz
*
1 = 2·016MHz
0 = TXSAT selected
*
1 = RXSAT selected
0 = External ROM
1 = Internal ROM
*
SINTSLP
-
-
NOMPLL
TURBO
SATMUX
IROM
-
ACE serial
interface
Not used
Not used
Modem
(Data Clk)
CPU clock
Modem
(SAT Mux)
Decoder
Not used
7
6
5
4
3
2
1
0
PORT4 Read/Write
*Reset state in Normal mode
Table 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com