Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 40 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 40 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 36Page - Mitel Networks Corporation ACE9050 Datasheet HTML 37Page - Mitel Networks Corporation ACE9050 Datasheet HTML 38Page - Mitel Networks Corporation ACE9050 Datasheet HTML 39Page - Mitel Networks Corporation ACE9050 Datasheet HTML 40Page - Mitel Networks Corporation ACE9050 Datasheet HTML 41Page - Mitel Networks Corporation ACE9050 Datasheet HTML 42Page - Mitel Networks Corporation ACE9050 Datasheet HTML 43Page - Mitel Networks Corporation ACE9050 Datasheet HTML 44Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
ACE9050
40
set Latch3 is connected to the LATCHC input of the ACE9030
Synthesiser. The lenqth of the latch can be varied and the latch
can be set permanently high. Latch 3 can be used with the
SynthBus, but is fixed at 500ns.
SYNTHCL (pin 73)
SynthBus clock line at nominally 126kHz. This is not a
continuous clock. It is only activated when data transfer is
required.
SYNTHDAT (pin 72)
SynthBus Data line. Contains valid data from the ACE9050,
or is set to zero.
Transmitter Section
The transmitter consists of five write registers, interrupt and
latch generating logic, clock divider and timer, and three shift
registers connected in series. These form the 24-bit message
that is sent out on DTFG. The most significant bit of LSICOM 0
is transmitted first (refer to Fig. 7).
Associated Registers
Write
Register
LSICOM 0
LSICOM 1
LSICOM 2
First byte to transmit
Second byte to transmit
Third byte to transmit
Description
Bits
7:0
7:0
7:0
Table 87
SINTSLEEP Port 4 [7]
Bit
Function
0 = ACE Serial Interface enabled
1 = ACE Serial Interface powered down
7
Name
SINTSLEEP
Table 88
STR_WIDTH Write
The pulse width of Latch 3 is programmable between 99·2
µs
and 12·6ms, with 99·2
µs increments. This register only works
with the ACEBus, not the Synthbus.
Description
Bits
Table 89
LSICOM 3 Write
This register is the control register. This is used to define the
mode of the data transfer, select which latch to activate and also
is used to initiate the transfer.
Bit
Name
Function
6:0
Pulse duration in increments of 100 C1008 periods.
This register is decremented when a pulse is
generated. Writing a value of 0 in this register
terminates the pulse.
0 = No data transfer
1 = Begin data transfer
Must be 1
0 = No Answer request
1 = Answer request
Must be 0
Go
CL
ANS
Not used
7
6
5
4
Receiving Data
In order to receive, LSICOM 3[5] (ANS) must be set. After the
transmission sequence, data on the DTFG line is clocked into the
receiver on the falling edge of C1008. This process begins on the
fifth negative clock edge after the latch pulse, to allow a response
time from the slave (Fig. 8).
After 24 clock cycles the complete word will have been
clocked into the ACE9050. The data in the shift registers is
latched into the three read registers. At the same time the IRQ-
REC interrupt is generated.
The IRQ-SEND interrupt is generated in the receive sequence
with the relevant latch in the same way as for a transmit only
sequence.
Receiver Section
The receiver consists of three serial registers which can be
read via LSICOM 4, 5 and 6. It also contains a counter, clocking
and interrupt generating circuitry.
Associated Registers
Read
Register
LSICOM 4
LSICOM 5
LSICOM 6
First byte received (ACE9030 preamble)
Second byte received (ACE9030 result 1)
Third byte received (ACE9030 result 2)
Description
Bits
7:0
7:0
7:0
Table 92
Sending Data
To begin the transmitting sequence the appropriate word has
to be written to LSICOM 3. If a Latch 3 is required for the ACEBus
a non-zero value must be written to STR_WIDTH prior to writing
the control word in LSICOM 3.
When LSICOM 3[7] (GO) is set, the clock to the serial shift
registers is enabled. Data from LSICOM 0, 1 and 2 are clocked
out on the falling edge of C1008. After the 24 data bits have been
clocked out, the appropriate latch is generated on the next fallinq
edge of C1008. At the same time as the latch the IRQ-SEND
interrupt is generated internally. This is fed to the interrupt control
block where it can be masked. The LSICOM 3 will then be reset,
so as to be ready for the next data transfer.
Table 90 Valid bit fields for ACEBus data transfer
Bit
Name
Function
Must be 0
Must be 0
Latch 1 enabled for data transfer
Latch 0 enabled for data transfer
Not used
Not used
Latch 1
Latch 0
3
2
1
0
Table 90 (continued)
Bit
Name
Function
0 = No data transfer
1 = Begin data transfer
Must be 0
Must be 0
Must be 0
Latch 3 enabled for data transfer
Latch 2 enabled for data transfer
Must be 0
Must be 0
Go
CL
Not used
Not used
Latch 3
Latch 2
Not used
Not used
7
6
5
4
3
2
1
0
Table 91 Valid bit fields for SynthBus
LSICOM 3 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com