Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 41 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 41 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 37Page - Mitel Networks Corporation ACE9050 Datasheet HTML 38Page - Mitel Networks Corporation ACE9050 Datasheet HTML 39Page - Mitel Networks Corporation ACE9050 Datasheet HTML 40Page - Mitel Networks Corporation ACE9050 Datasheet HTML 41Page - Mitel Networks Corporation ACE9050 Datasheet HTML 42Page - Mitel Networks Corporation ACE9050 Datasheet HTML 43Page - Mitel Networks Corporation ACE9050 Datasheet HTML 44Page - Mitel Networks Corporation ACE9050 Datasheet HTML 45Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
ACE9050
41
PROGRAMMING
Programming Constraints
The programming of the interface is relatively straightforward
when used with the ACE Chipset. However, the following
constraints apply:
(a) To activate a Latch 3 transfer on the ACEBus, the
STR_WIDTH register must be written to with a non-zero
value prior to writing to LSICOM3 [7] (GO) set.
(b) After writing to LSICOM3 with the GO bit set, registers
LSICOM0 to 3 must not be written for 25
µs or until an IRQ-
SEND Interrupt has been generated.
(c) After writing to LSICOM3 with the GO and ANS bits set,
LSICOM0 to 3 must not be written to until 6 clock cycles after
an IRQ-SEND. LSICOM3 cannot be written to with bit 7 (GO)
set until 55
µs or the IRQ-REC interrupt has been generated.
This is because the DTFG will contain the slave data until this
time.
(d) A value greater than 0 must not be written to the STR_WIDTH
register preceding a LATCH0, 1, 2 transfer or a Latch3
transfer with the SynthBus.
(e) The ACEBus and the SynthBus cannot be used
simultaneously.
Programming Sequences
ACEBus Transfers
Latch 0 Data Transfer
(1) Write Data to LSICOM0,1 and 2
(2) Write to LSICOM3 control word:
(3) Service IRQ-SEND interrupt if enabled
Latch 1 Data Transfer
(a) Without answer request
(1) Write Data to LSICOM0, 1 and 2
(2) Write LSICOM3 Control word:
GO
1
CL
1
ANS
0
000
L1
0
L0
1
GO
1
CL
1
ANS
0
000
L1
1
L0
0
(3) Service IRQ-SEND interrupt if enabled
(b) With answer request
(1) Write Data to LSICOM 0, 1 and 2
(2) Write LSICOM 3 Control word:
GO
1
CL
1
ANS
1
000
L1
1
L0
0
(3) Service IRQ-SEND interrupt if enabled
(4) Wait for IRQ-REC interrupt
(5) Read data from LSICOM 4, 5 and 6
Latch 3 Data Transfer (ACEBus)
(1) Write Data to LSICOM 0 to 2
(2) Write Strobe Width to STR_WIDTH(non-zero value)
(3) Write LSICOM 3 Control word:
GO
1
CL
1
ANS
0
000
L1
0
L0
0
(4) Service IRQ-SEND interrupt if enabled
The Strobe width will be a minimum of 100
µs, However data
can be transmitted to the other slave units during the Latch3 high
time. Alternatively the Latch3 may be terminated prematurely by
writing 0 into the STR_WIDTH register. This may only be done
after the IRQ-SEND interrupt, to ensure the latch is not terminated
prematurely.
The ONRAD bit (PORT 3 [6]) can be used to keep the Latch
3 line high. Care must be taken when enabling Latch3 in this way
so that spurious data is not clocked into the synthesiser. By
setting the STR_WIDTH register to a suitably large value and
enabling ONRAD before the STR_WIDTH time expires, the
Latch 3 line can be permanently asserted. The STR_WIDTH
time begins when the data transfer has completed.
SynthBus Transfers
Latch 3 Data Transfer
(1) Write Data to LSICOM 0 to 2
(2) Write LSICOM3 Control word:
GO
1
CL
0
ANS
00
1
L2
00
0
L3
(3) Service IRQ-SEND interrupt if enabled
Latch 2 Data Transfer
(1) Write Data to LSICOM 0 to 2
(2) Write LSICOM 3 Control word:
GO
1
CL
0
ANS
00
0
L2
10
0
L3
(3) Service IRQ-SEND interrupt if enabled
4. IFC COUNTER
The IFC counter is used as part of the Automatic Frequency
Compensation loop, in conjunction with 6303 timer. The IFC
counts a predetermined number of periods of the AFC_IN/
RXDATA signal. By timing this duration the frequency of the input
can be determined. In a system using the ACE chipset this input
frequency will be 54kHz. The Number of periods counted can be
either 256 or 2432. This will give measurement times over a
period of approximately 5ms or 45ms when using the ACE
chipset. Other input frequencies are possible, but would give
different time periods and thus accuracy could be affected.
External Signals
AFC/RXDATA Input (pin 60)
This signal also feeds to the AMPS/TACS modem. This pin
can be directly connected to the AFCOUT pin of the ACE9030,
when this device is being used.
ICN Output (pin 77)
This output is used in emulation mode only. It is output of the
IFC counter, which should be connect to the Emulator 6303
PORT2 [0]. It is internally connected to the ACE9050 6303.
Associated Registers
Register
Description
Bit
STIFCN PORT 3 [5]
IFFREQ P0RT 3 [0]
Reset counter
*
Enable counter
2432 counts
256 counts
0
1
0
1
*The counter must be reset before it can be enabled
Table 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com