Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 15Page - Mitel Networks Corporation ACE9050 Datasheet HTML 16Page - Mitel Networks Corporation ACE9050 Datasheet HTML 17Page - Mitel Networks Corporation ACE9050 Datasheet HTML 18Page - Mitel Networks Corporation ACE9050 Datasheet HTML 19Page - Mitel Networks Corporation ACE9050 Datasheet HTML 20Page - Mitel Networks Corporation ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
ACE9050
19
AS Address Strobe (pin 5)
This input is used in Emulation Mode only. Th external D [7:0] will
contain both data and the lower 8 bits of the address bus.The Bus
Interface provides the transparent latch required to hold the
value of the address during the latter part of the cycle. The AS is
provided to control the Latch Enable. In a typical system this will
be directly connected to the emulating 6303 AS output.
R/W Read/Not Write (pin 95)
This is an output in Normal mode, but an input in Emulation
Mode. It is the processor Read/Not Write line. The timing of this
output is not guaranteed to be the same as a standard 6303
processor. In Emulation mode it will be directly connected to the
Emulating 6303 R/W line.
D [7:0] Data (and Address in Emulation mode) (Pins 18-25)
In Normal mode these pins provide bidirectional data transfer
between the ACE9050 6303 and external memory. In Emulation
mode they provide the directional data and the lower 8 bits of the
address bus into the ACE9050.
A [7:0] Lower 8 address bits (Pins 40, 39, 35-30)
These outputs provide the lower 8 bits of the address bus for
external memory. This is the case for both Normal and Emulation
modes.
A [13:8] Address Bits 13 to 8 (pins 46-41)
In Normal mode these provide the output of the ACE9050
6303 address bus bits 13 to 8, for addressing external devices.
In Emulation mode, A[13:8] provide input for an external 6303
address bus, to address the ACE9050 functions excluding the
6303.
A [15:14] Emulation Address bits 15 and 14 (pins 92 and 93)
These inputs are only used in Emulation mode. The
internal 6303 address A[15:14] are fed to the banked address
logic and not to an external pin. In emulation mode the host
processor must drive the complete 6303 internal address bus
so A[15:14] inputs are provided. The host processor will then
drive the entire internal bus and the bank select register, so
the external memory access will be the same regardless of
Emulation or Normal mode.
BA [17:14] Banked address (pins 50 to 47)
The ACE9050 expands the external address bus to 18 bits.
This allows up to 256K of memory space. BA [17:14] are the
outputs from the bank select register. The operation of the
refister is described further in ‘Memory Map and Banked
Addressing’, below.
CSEPN Chip Select (pin 28)
This output provides active low chip select for accessing
external program memory. On reset the entire external memory
address space is mapped to CSEPN. In the Banked area of the
memory map the programmer can select either CSEPN or
CSE2N access via bit 4 of the Bank Select register.
CSE2N Chip Select (pin 29)
This output provides an active low chip select for accessing
external memory or other suitable device. In the Banked area of
the memory map the programmer can select either CSEPN or
CSE2N access via bit 4 of the Bank Select register.
VDDM Supply to Memory Interface (pin 38)
The power supply
pin for the memory interface, VDDM,
provides the power supply for the following pads:
A [13:0], BA [17:14], D [7:0], CSEPN, CSE2N, WEN and OEN
Memory Map and Banked Addressing
The ACE9050 provides the circuitry to create a banked
addressingsystemwhichwillincreasethesizeoftheprogramming
space from 16 bit (64K bytes) to 18 bit (256K Bytes) and enable
two Chip Select lines to be programmed. This is achieved using
an internal register to select the required page of memory and
chip select line.
The use of banked addressing and associated circuitry is not
mandatory in a system using an ACE9050.
When using banked addressing the external addresses
generated and thus the system memory map are different from
the 6303 memory map. The banked addressing functions in the
same manner for both Normal and Emulation mode with a
external processor.
Fig. 13 Data and Address bus configuration
ACE9050 6303
AND KERNEL
ID[7:0] (DISABLED IN EMULATION MODE)
AD[15:0]
IRW
(DISABLED IN EMULATION MODE)
TRANSPARENT
LATCH
MEMORY
BANK
SWITCHING
INTERNAL
ADDRESS BUS [15:0]
NORMAL:
EMUL:
NORMAL:
EMUL:
[7:0]
[13:8]
[15:14]
DATA BUS
INTERNAL EPROM
CHIP SELECT
[15:14]
LATCH ENABLE
A[13:8] OUTPUT
A[13:8] INPUT
NOT USED
A[15:14] INPUT
A[7:0]
BA[17:14]
CSEPN
CSE2N
NORMAL:
EMUL:
R/W NOT USED
R/W INPUT
4
2
6
8
8
NORMAL:
EMUL:
NOT USED
AS INPUT
NORMAL:
EMUL:
D[7:0]
D[7:0] & A[7:0] INPUT
16
2
INTERNAL
READ / NOT WRITE
8
INTERNAL
DATA BUS [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com