Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 28 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 28 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ACE9050
28
I2C_CCR Clock Control Register: Write
This register is write only, the seven LSBs control the clock
frequency on the I2C bus when in master mode. The register is
cleared to 0 when the I2C is reset.
Table 43
Position
D7
D6
D5
D4
D3
D2
D1
D0
Bit
-
m3
m2
m1
m0
n2
n1
n0
The frequency of the SCL clock is given by:
fSCL =
103(m11)32n
fCLK
Where:
fSCL is the I
2C bus clock frequency,
fCLK is 8·064 MHz,
m is the value stored in CCR D[6: 3] and
n is the value stored in CCR D[2:0]
I2C_ADDR Slave Address: Read/Write
This register sets the slave address of the ACE9050 I2C. This
is only valid when the I2C is in Slave mode, allowing the system
designer to select the required Slave address and prevent
contentions. The register is cleared to 0 when the ACE9050 I2C
is reset.
Position
D7
D6
D5
D4
D3
D2
D1
D0
Description
Table 44
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
GCE
Bit
Slave address 1st bit
Slave address 2nd bit
Slave address 3rd bit
Slave address 4th bit
Slave address 5th bit
Slave address 6th bit
Slave address 7th bit
General Call address enable
SLA6 - SLA0 sets the 7-bit address. SLA6 corresponds to the
first bit received from the I2C bus after a start condition. When the
ACE9050 I2C receives this address after a START condition it
will enter Slave mode. If GCE is set to one then the I2C will also
recogonise the General Call Address.(00H).
I2C_DATA Data Register: Read/Write
This register contains the data byte to be transmitted or the
data byte which has just been received.
In transmit mode the byte is sent MSB first, in receive mode
the first bit received will be in the MSB of the register. After each
byte is transmitted this register will contain the byte that was
actually present on the bus. Therefore in the case of lost
arbitration this register will contain the received byte.
Clock Synchronisation
If another device on the I2C bus drives the clock line when the
ACE9050 I2C is in master mode the ACE9050 I2C will synchronise
its clock to the I2C bus clock. The high period of the clock will be
determined by the device that generates the shortest high clock
period. The low period of the clock will be determined by the
device that generates the longest low clock period.
A slave may stretch the low period of the clock to slow down
the bus Master. The low period may also be stretched for
handshaking purposes. This can be done after each bit transfer
or each byte transfer. The ACE9050 I2C will stretch the clock
after each byte transfer until the IFLG bit in the I2C_CNTR
register is cleared.
Bus Arbitration
In master mode the ACE9050 I2C will check that each
transmitted logic 1 appears on the I2C bus as a logic 1. If another
device on the bus overrules and pulls the SDA line low arbitration
is lost. If arbitration is lost during the transmission of a data byte
or a not acknowledged bit is received the ACE9050 I2C will return
to the idle state. If arbitration is lost during the transmission of an
address the ACE9050 I2C will switch to slave mode so that it can
recognise its own slave address or the general call address.
Bus and Internal Clock Speeds
The I2C bus is defined for bus clock speeds up to 100k bits/
s. The clock speed generated by the ACE9050 I2C in master
mode is determined by the I2C_CCR register.
All signals within the ACE9050 I2C are synchronised to an
internal main clock (MCLK).
The frequency of this clock is given by:
Bits
[7:0] Read
[7:0] Write
RXData
TXData
Data received
Data to transmit
Name
Description
Table 45
If the ACE9050 I2C is used in systems where there are
other masters on the I2C bus then the frequency of MCLK
should not be less than 500 kHz to prevent the ACE9050
I2C from missing a START condition sent by another
master.
Modes of Operation
The following section details the operation of the
ACE9050 I2C in the four possible modes of I2C transfer,
namely: Master Transmit, Master Receive, Slave Transmit
and Slave Receive.
Master Transmit
In the master transmit mode the ACE9050 I2C will
transmit a number of bytes to a slave receiver. Before the
master transmit mode can be entered the I2C_CNTR
register should be initialised as shown in Table 46, where
X is either 0 or 1.
Where:
fMCLK is the MCLK (main clock) clock frequency,
fCLK is 8·064 MHz and
m is the value stored in I2C_CCR D[6: 3]
fMCLK =
fCLK
(m11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com