Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  ACE9050 Datasheet HTML 1Page - Mitel Networks Corporation ACE9050 Datasheet HTML 2Page - Mitel Networks Corporation ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
The ACE9050 provides the control and interface functions
needed for AMPS or TACS analog cellular handsets. The
device has been designed using Mitel Semiconductor sub-
micron CMOS technology for low power and high performance.
The ACE9050 contains an embedded microcontroller and
peripheral functions. The controller is of the 6303 type with a
Serial Communication Interface, Timer, ROM and RAM. The
peripheral functions are: Data Modem, SAT Management,
Serial Chip Interfaces, I2C Interface, two Pulse Width
Modulators, IFC Counter, Tone generator, I/O ports, Watchdog
and Crystal Oscillator.
Several power down modes are incorporated in the device
as is a processor emulation mode for software and system
development.
An index to this data sheet is given on pages 49 and 50.
Fig.1 Pin connections - top view. Pin 1 is identified by
moulded spot and by coding orientation. See Table 1 for
detailed pin descriptions.
OUTP2 [6]
ICN
LATCH1
OUTP2 [7]
LATCH0
PWM2
DTFG
EMUL
IRQN
POFFN
VSS
VSS
VDD
EXRESN
C1008
MRN
A15
A14
CPUCL
R/W
BAR
DTMS
PWM1
ECLK
RXCD
BA17
BA16
BA15
BA14
A13
A12
A11
A10
A9
A8
A7
A6
VDDM
VSS
VSS
A5
A4
A3
A2
A1
A0
CSE2N
CSEPN
WEN
OEN
50
26
76
100
75
1
51
25
ACE9050
FP100
FEATURES
s Low Power, Low Voltage (3·6 to 5·0 V) Operation
s 3·0V Memory Interface
s Power Down and Emulation Modes
s 6303R-type Microcontroller
s AMPS or TACS Modem
s Watchdog and Power Control Logic
s SAT Detection, Generation and Loopback
s 6K bytes RAM
s Interface to FLASH and EEPROM Memories
s 512 byte ROM Boot Block
s I/O Ports for Keyboard Scanning
s I2C Controller
s Small Outline 100-pin package
APPLICATIONS
s AMPS and ETACS Cellular Telephones
s Two-way Radio Systems
RELATED PRODUCTS
The ACE9050 is part of Mitel Semiconductor's ACE chipset,
together with the following:
ACE9020 Receiver and Transmitter interface
ACE9030 Radio Interface and Twin Synthesiser
ACE9040 Audio Processor
ORDERING INFORMATION
Industrial temperature range.
TQFP 100-lead 14314mm, 0·5mm pitch package (FP100)
ACE9050D / IG / FP8N: trays and dry packed
ACE9050D / IG / FP8Q: tape mounted and dry packed
20·5V to 16V
255
°C to 1150°C
240
°C to 185°C
VSS20·5V to VDD10·5V
ABSOLUTE MAXIMUM RATINGS
Supply voltages VDD, VDDM
Storage temperature
Operating temperature
Voltage on any pin
CLOCK
&
BAUD
GENERATOR
MEMORY
INTERFACE
WATCHDOG
&
POWER
CONTROL
INTERRUPT
CONTROL
IFC
COUNTER
AMPS / TACS
DATA MODEM
SAT
MANAGEMENT
KEYPAD
INTERFACE
ACEBus
INTERFACE
I2C BUS
INTERFACE
23PULSE
WIDTH
MODULATOR
TONE
GENERATOR
6303R
MICRO-
PROCESSOR
UART (SCI)
TIMER
I/O PORTS
0·5K
ROM
6K
RAM
I/O
PORTS
Fig.2 ACE9050 simplified block diagram
ACE9050
System Controller and Data Modem
Advance Information
Supersedes January edition, DS4290 - 2.3
DS4290 - 3.0 December 1997


Similar Part No. - ACE9050

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9050 MITEL-ACE9050 Datasheet
379Kb / 39P
Radio Interface and Twin Synthesiser
More results

Similar Description - ACE9050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
USB Power Controller Advance Information
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Mitel Networks Corporat...
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A_13 Datasheet
438Kb / 98P
Advance Information Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com