Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  ACE9050 Datasheet HTML 1Page - Mitel Networks Corporation ACE9050 Datasheet HTML 2Page - Mitel Networks Corporation ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ACE9050
3
FUNCTIONAL OVERVIEW
MICROPROCESSOR UNIT
The processor unit is program compatible with the standard
6303R. It contains the following hardware:
8-bit CPU
Serial Communication Interface: SCI (UART)
16-bit timer/counter
8-bit l/O port (P1)
2-bit l/O port (P2)
The processor bus speed can be either 1·008 MHz or 2·016
MHz. An Emulation mode is provided whereby the internal 6303
is bypassed to allow software development on a standard 6303
In-Circuit Emulator (ICE).
MEMORY
The ACE9050 contains 512 bytes ofROM and 6144 bytes of
RAM internally.
The ROM code facilitates system initiation after a reset and
the programming of FLASH memory via the 6303 SCI (UART).
The Internal RAM area represents the total RAM requirement
anticipated for a cellular phone.
BUS INTERFACE and MEMORY BANK SWITCHING
These blocks create the Data, Address and Control lines for
the external memory. The external address bus is expanded
from the standard 16 bits up to 18 bits by a banked addressing
scheme. This increases the memory address space from 64K to
256K. Two programmable Chip Selects (CSEPN and CSE2N)
are generated.
The Memory Interface will operate down to 13V, allowing the
use of low voltage memory parts.
In Emulation mode the external processor controls the
ACE9050 via the Bus Interface block.
EXTERNAL PORTS
The ACE9050 contains two Keypad Interface ports, two
maskable external interrupts, and both Input and Output ports.
These are in addition to the 6303 bidirectional Port1 and Port2.
The Output port provides two high current outputs for driving
LEDs.
DECODER and INTERRUPT CONTROL
The Decoder block memory maps ACE9050 register locations
onto the processor’s address space.
The Interrupt Control block handles both internal and external
interrupt sources. These are fed into control logic allowing
individual masking and reset by software. The Interrupt control
logic output is internally connected to the 6303 IRQ and also
drives an external pin.
ACE SERIAL INTERFACE (SINT) and I2C
Three serial interface protocols are supported: UART, I2C
and ACEBus. The 6303 provides a UART interface via the SCI
block.
The ACE9050 I2C block provides an I2C interface with both
Master and Slave capability.
The ACEBus is designed for use with the ACE Chipset and
has a data rate of just over 1MBits/sec. Three Latch pulse are
available to target data at the relevant IC and control the
ACE9030 Synthesiser.
BEEP, ALARM and RING TONE GENERATOR (BAR)
The BAR Generator is intended to drive an acoustic tone
transducer. It has a programmable single digital pulse train output.
MODEM and SAT MANAGEMENT
The Modem provides two way data transfer and SAT
management over the radio link between a base station and
phone handset. AMPS and TACS data rates are supported .
The Modem block contains: Digital Discriminator, Data
Decoder and Word Synchronising hardware. Various modes
can be selected by software. A squelch level is also set by
software so that the quality of each data byte can be assessed.
SAT detection and generation at the standard three
frequencies 5970Hz, 6000Hz and 6030Hz is included.
WATCHDOG and POWER CONTROL (ATO)
The Watchdog function will provide an internal and external
Reset if the processor does not make a write access to a defined
address every 4 seconds.
An Autonomous Time Out circuit (ATO) will drive the POFFN
output low if Transmitter power is detected without Receiver
power, independent of any processor operation. POFFN must
be used in conjunction with external regulators to control power
to the mobile handset.
IF CONTROL COUNTER (IFC)
The Intermediate Frequency Control (IFC) Counter is used as
part of an AFC Loop. The IFC Counter provides a pulse after a
set number of IF input pulses. The IFC Counter output is
connected to the 6303 timer input and an external pin (ICN).
TWIN PULSE WIDTH MODULATORS
Two independently programmable Pulse Width Modulators
(PWMs) are available. These provide digital output pulse trains,
controllable by software. The output can be filtered externally to
provide a DAC function. Typical applications are battery charging
control and LCD contrast control.
CLOCK GENERATOR
The Clock Generator provides all the various internal and
external clocks from a single 8·064 MHz source. The source can
either be an external crystal or the ACE9030.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com