Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  ACE9050 Datasheet HTML 1Page - Mitel Networks Corporation ACE9050 Datasheet HTML 2Page - Mitel Networks Corporation ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ACE9050
2
Fig. 3 detailed block diagram of ACE9050
OUTP2 [1]/
PWM1
SYNTHDATA
SYNTHCLK
DTFG
LATCH0
LATCH1
LATCH3
LATCH2
ONRAD
SINTSLEEP
C1008
IRQSEND
IRQREC
LSICOM0
LSICOM1
LSICOM2
LSICOM3
LSICOM4
LSICOM5
LSICOM6
STR_WIDTH
ACE
SERIAL
INTERFACE
MRI IRW ID[7:0]
TO
MUX #2
SYNTHDATA
SYNTHCLK
DTFG
LATCH0
LATCH1
LATCH3
PORT3[6]
PORT4[7]
INTERRUPTS
}
EMUL ONLY
EMUL IP
EMUL DATA/AD
EMUL IP
EMUL IP
TO 6303
EMUL
AS
R/W
D [7:0]
A [7:0]
A [13:8]
A [15:14]
BUS INTERFACE
IRW
ID7:0
AD15:0
O/P IN EMULATION
DATA
INTERNAL ADDRESS
MEMORY BANK
SWITCHING EPROM
BANK_SEL
MRI IRW ID[4:0] AD[15:14]
BA [17:14]
CSE2N
CSEPN
PULSE WIDTH MODULATOR
DAC1
DAC2
PWM #2
PWM #1
MRI IRW ID[7:0]
MUX #1
OUT2 [1]
PORT5 [0]
PORT5 [5:4]
OUT2 [2]
LATCH2
MUX CONTROL
MUX #2
OUTP2 [2]/
PWM2/
LATCH2
CONTROL
}
INTERNAL PORTS
MRI IRW ID[7:0] LVN1
PORT3
PORT3
PORT4
PORT4
PORT5
PORT5
PORT3 [7:0]
PORT4 [7:0]
PORT5 [7:0]
REFER TO TEXT
FOR INDIVIDUAL
BIT FUNCTIONS
EXTERNAL PORTS
IRQPRT4-RESET
EXT. INTERRUPTS
OUT2 [7]
OUT2 [6]
OUT2 [5:3]
OUT2 [2]
OUT2 [1]
OUT2 [0]
KEYP R/W TO PORT
OUT_PORT2
O/P PORT2
INP1 [7]
INP1 [6]
INP1 [4:2]
INP1 [1:0]
IN_PORT1
I/P PORT1
IRQPRT5-MASK
IRQPRT6-READ
KEYPORT/CHIP ID
KPOT O/P TRISTATE
MRI IRW ID[7:0]
NOT BONDED
TO MUX #2
TO MUX #1
TO CPUCL PIN
POWERDET
SERV
IRQE
3
2
5
4
OUTP2 [7]
OUTP2 [6]
INP1 [4:2]
INRQ [1:0]
KPO [4:0]
KPI [3:0]
I 2 C
ENABLE RESET I2C
PORT5 [2]
I2C_ADDR
I2C_DATA
I2C_CNTR
I2C_STAT
I2C_CCR
TESTN
CLKBUS IRW ID[7:0]
ISCL
ISDA
INT
8·064MHz
P1 [4]
P1 [3]
I2C_INTERRUPT
AD15:O
ID7:0
IRW READ/WRITE
EMUL
ICN COUNTER I/P
RESET MRI CLOCK E
PORT1 [7:0]
PORT2 [4]
PORT2 [3]
INTERRUPT IRQN
BAUDCLK
6303
MICROPROCESSOR
AND
KERNEL
8
IRQPRT0-RESET
IRQPRT1-MASK
IRQPRT2-READ
INTERRUPT
CONTROL
I
2C INTERRUPT
IRQE (EXTERNAL INT.)
IRQTX
IRQWS
IRQBISAT
IRQRX
IRQREQ
IRQSEND
IRQTO
INTERRUPT SOURCE
MRI IRW ID[7:0]
IRQN
ROM
512 BYTES
(IROM)
BOOT BLOCK
ID [7:0]
AD [8:0]
IRW
IROM
RAM
6016 BYTES
(IRAM)
ID [7:0]
AD [12:0]
IRW
IRAM
MRI IRW ID[7:0]
BAUD RATE
CLOCK
BRG
ISDA ISCL
8
3BAUD
P1 [7:0]
DFMS/P2 [4]
DTMS/P2 [3]
IRQN
BAUDCLK
XOSC-PD
TURBO
ENSIS
CLKENAB
E (CPU CLOCK)
CLKBUS
C1008
LVN1
CLOCK GENERATOR
PORT5 [6]
PORT4 [3]
PORT3 [2]
PORT5 P[1]
CPUCL
TO WATCHDOG
AND I
2C
OUT2 [0]
CPUCL/
OUTP2 [0]
C1008
ECLK
XIN
XOUT
TESTN
IN_PORT1
OUT_PORT2
IRQPRT4
IRQPRT5
IRAM
EPROM
IROM
IROME
SLEEP
MRI IRW AD[15:0]
DECODER
ACE9050
REGISTER
SELECTS
MEMORY
SELECTS
PORT4 [1]
PORT3 [1]
OEN
WEN
BARENABLE
BEEP ALARM RING
GENERATOR (BAR)
BARHIGH
BARLOW
MRI ID[7:0] CLKBUS
126kHz
BAR
BAR
IRQRX
IRQBISAT
IRQWS
IRQTX
AFC/RXDATA
NOMPLL
MDMSLP
ENMOD
SAT
GENERATOR
SAT
MUX
IFC COUNTER
IFFREQ (2432/256)
STIFCN (START/RESET)
ICN
ICN (EMUL)
AFC/RXDATA
TO 6303
PORT3 [0]
PORT3 [5]
INTERRUPTS
PORT4 [4]
PORT3 [3]
PORT3 [7]
BARPORT
TEST ACCESS ONLY
MODEM
SAT MANAGEMENT
PORT4 [2]
SELECT
TXSAT
RXSAT
ID [7:0]
IRW
MRI
C1008
54kHz/450kHz
TXDATA
TXDATA
WATCHDOG AND ATO
WATCHDOG
AND
RESET LOGIC
RESATO
ATO LOGIC
IRQTO
CLKBUS IRW TESTN
REWD
FILTER
MRI
LVN1
INP1 [7]
POWDET
MASTER RESET
INP1 [6]
SERV
MRN
RXCD
TXPOW
EXRESN
POFFN
PORT3 [4] UPOFFN
VDD
VDDM
VSS
MODPRT0
MODPRT1
MODPRT2
72
73
82
80
78
75
83
5
95
18-25
40,39,35-30
46-41
92,93
4
8
8
6
2
50-47
29
28
26
27
96
77
60
11, 64, 65, 68
38
10, 17, 36, 37, 86, 87
74
91
100
61
98
81
79
76
54, 53, 52
70, 71
59-55
66-69
7-9, 12-16
4
97
84
6
63
94
90
99
2
3
1
62
89
51
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com